Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED29 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED29
Description  LIGHT EMITTING DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED29 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED29 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LIGHT EMITTING DIODES 1.6
÷÷4.6
µµm
M
Mo
od
de
ell L
LE
ED
D2
29
9--P
PR
R
2
2..9
9
µµµµm
m 8
8
µµµµW
W
•Light Emitting Diodes LED29-PR are designed for emitting at a spectral
range around 2900 nm. Heterostructures (HS) are grown on InAs
substrates. The output emission can be modulated by current flowing in
a forward direction.
•Light Emitting Diodes LED29-PR are developed for using in optical gas
sensors and medical diagnostics. They have stable output power and
lifetime more then 10000 hours.
•Related products: LED29-PR can be used in optical pair with our
photodiodes PD36. Our standard LED Driver provides power supply of
LED29-PR in two recommended here regimes (Quasi-CW and Pulsed).
Parameters
Min
Typ
Max
Wavelength,
µm
2.80
2.90
3.00
FWHM,
µm
0.60
0.70
0.80
Optical Power,
µW
Quasi-CW @ 200 mA
Pulsed@2A
6
120
8
150
10
170
Switching Time, ns
10
30
50
Operating Temperature
Range,
oC
-240
÷+50
Emitting Area,
µm
300x300
Soldering temperature
260
oC
Package
TO-18 with Parabolic Reflector
LED29 typical spectra at different temperatures
0
0,3
0,6
0,9
1,2
2200 2400 2600 2800 3000 3200 3400 3600 3800 4000
Wavelength, nm
T=10°C
T=25°C
T=46°C
LED29 - typical Power vs.
Current characteristic
0
1
2
3
4
5
6
7
8
9
0
50
100
150
200
Current, mA
LED29 - typical Current-voltage
characteristic
-40
-30
-20
-10
0
10
20
30
40
-1
-0,8 -0,6 -0,4 -0,2
0
0,2
0,4
Voltage, V
Far field pattern
with and without reflector
LED29 (without reflector)
LED29-PR (with reflector)
Package TO-18 with Reflector
Recommended regimes of operation
Quasi-CW
200 mA
250
µs
250
µs
1
µs
2 A
500
µs
f=2 kHz
f=2 kHz
Pulse


Similar Part No. - LED29

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED29 ROITHNER-LED29 Datasheet
92Kb / 1P
LIGHT EMITTING DIODES
LED29 ROITHNER-LED29 Datasheet
110Kb / 1P
LIGHT EMITTING DIODES
LED29 ROITHNER-LED29 Datasheet
105Kb / 1P
LIGHT EMITTING DIODES
LED29 ROITHNER-LED29 Datasheet
93Kb / 2P
Mid-Infrared Light Emitting Diodes and Photodiodes
LED29-PR ROITHNER-LED29-PR Datasheet
110Kb / 1P
LIGHT EMITTING DIODES
More results

Similar Description - LED29

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LRS250 SIEMENS-LRS250 Datasheet
102Kb / 4P
LIGHT EMITTING DIODES
logo
Panasonic Semiconductor
LN242RPH PANASONIC-LN242RPH_08 Datasheet
315Kb / 3P
Light Emitting Diodes
LNG901CFB PANASONIC-LNG901CFB Datasheet
383Kb / 3P
Light Emitting Diodes
logo
Roithner LaserTechnik G...
LED38-PR ROITHNER-LED38-PR Datasheet
102Kb / 1P
LIGHT EMITTING DIODES
LED38-TEC ROITHNER-LED38-TEC Datasheet
102Kb / 1P
LIGHT EMITTING DIODES
LED46-PR ROITHNER-LED46-PR Datasheet
108Kb / 1P
LIGHT EMITTING DIODES
LED18-TEC-PR ROITHNER-LED18-TEC-PR Datasheet
112Kb / 1P
LIGHT EMITTING DIODES
LED31 ROITHNER-LED31 Datasheet
104Kb / 1P
LIGHT EMITTING DIODES
LED43-PR ROITHNER-LED43-PR Datasheet
78Kb / 1P
LIGHT EMITTING DIODES
LED46 ROITHNER-LED46 Datasheet
103Kb / 1P
LIGHT EMITTING DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com