Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2155 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2155
Description  BBE Mach3Bass Audio Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2155 Datasheet(HTML) 6 Page - New Japan Radio

  NJM2155 Datasheet HTML 1Page - New Japan Radio NJM2155 Datasheet HTML 2Page - New Japan Radio NJM2155 Datasheet HTML 3Page - New Japan Radio NJM2155 Datasheet HTML 4Page - New Japan Radio NJM2155 Datasheet HTML 5Page - New Japan Radio NJM2155 Datasheet HTML 6Page - New Japan Radio NJM2155 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NJM2155
- 6 -
s
s
s
sTYPICAL CHARACTERISTICS
-2
0
2
4
6
8
10
12
14
16
18
20
10
100
1,000
10,000
100,000
Frequency[Hz]
D
C
B
A
-2
0
2
4
6
8
10
12
14
16
18
20
10
100
1,000
10,000
100,000
Frequency[Hz]
A
B
C
BBE Mach3Bass frequency Characteristics
A: f=40Hz, VR1=6k
Ω
B: f=60Hz, VR1=2k
Ω
C: f=80Hz, VR1=500
Ω
A: 3.5dB, VR2=0k
Ω
B: 6dB, VR2=6.2k
Ω
C: 12dB, VR2=18k
Ω
D: 12dB, VR2=36k
Ω
(V+=9V, Ta=25
°C, BBE=ON, PROCESS=H, LO CONTOUR=H, Mach3=ON)
(V+=9V, Ta=25
°C, BBE=ON, PROCESS=L, LO CONTOUR=L, Mach3=ON)
BBE Frequency Characteristics
(V+=9V, Ta=25
°C)
-2
0
2
4
6
8
10
12
14
16
18
20
10
100
1,000
10,000
100,000
Frequency[Hz]
A: BYPASS
B: PROCESS=L, LO CONTOUR=L
C: PROCESS=H, LO CONTOUR=H
A
B
C
-200
-150
-100
-50
0
50
100
150
200
10
100
1,000
10,000
100,000
Frequency[Hz]
A: BYPASS
B: PROCESS=L, LO CONTOUR=L
C: PROCESS=H, LO CONTOUR=H
A
B
C
°
(V+=9V, Ta=25
°C)
BBE Frequency Characteristics
BBE Mach3Bass frequency Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com