Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED46 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED46
Description  LIGHT EMITTING DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED46 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED46 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LIGHT EMITTING DIODES
1.6
÷÷4.6
µµm
M
Mo
od
de
ell L
LE
ED
D4
46
6--T
TE
EC
C
4
4..6
6
µµµµm
m 6
6
µµµµW
W
•Light Emitting Diodes LED46-TEC are designed for emitting at a spectral range
around 4600 nm. Thermocooler and thermoresistor are mounted inside 9 mm
package TO-5. Heterostructures (HS) are grown on InAs substrates
•Light Emitting Diodes LED46-TEC are developed for using in optical gas
sensors and medical diagnostics. Such construction gives possibility for
temperature stabilization of LED parameters. Lifetime is more then 10000 hours.
•Related products: Our standard LED
Driver
provides power supply of
LED46-TEC in two recommended here regimes (Quasi-CW and Pulsed).
Parameters
Min
Typ
Max
Wavelength,
µm
4.40
4.50
4.60
FWHM,
µm
1.00
1.10
1.20
Optical Power,
µW
Quasi-CW @ 200 mA
Pulsed@2A
4
100
6
120
8
140
Switching Time, ns
10
30
50
Range of temperature
control
oC
-10
÷+60
Emitting Area,
µm
300x300
Soldering
temperature
95
oC
Package
TO-5 with thermocooler
and thermistor
0
10
20
30
40
50
-20
0
20
40
60
Temperature, C
max
Qmax
Umax
∆T
max
(Amps) (Watts) (Volts)
°C
0.7
0.4
1.0
67
LED chip
Thermoresistor
TEC
LEAD
TOP SIDE VIEW
Thermoresistor
Thermoresistor
LED46 typical spectra at different temperatures
0
0,5
1
1,5
2
2500
3000
3500
4000
4500
5000
5500
Wavelength, nm
T=24°C
T=35°C
T=55°C
0
2
4
6
8
0
50
100
150
200
Current, mA
T=24°C
T=35°C
T=55°C
LED46 - typical power vs .current
characteristic at different temperatures
LED46 - typical Current - Voltage
characteristic
-30
-20
-10
0
10
20
30
40
-5
-4
-3
-2
-1
0
1
2
Voltage,V
Far field pattern
with and without reflector
LED46 (without reflector)
LED46-PR (with reflector)
Package TO-5
Main thermocooler parameters (without load)
Recommended regimes of
LED operation
Quasi-CW
200 mA
250
µs
1
µs
2 A
500
µs
f=2 kHz
f=2 kHz
Pulsed
250
µs


Similar Part No. - LED46

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED46 ROITHNER-LED46 Datasheet
103Kb / 1P
LIGHT EMITTING DIODES
LED46 ROITHNER-LED46 Datasheet
93Kb / 2P
Mid-Infrared Light Emitting Diodes and Photodiodes
LED46-PR ROITHNER-LED46-PR Datasheet
108Kb / 1P
LIGHT EMITTING DIODES
LED46-PR ROITHNER-LED46-PR Datasheet
103Kb / 1P
LIGHT EMITTING DIODES
LED46-TEC-PR ROITHNER-LED46-TEC-PR Datasheet
105Kb / 1P
LIGHT EMITTING DIODES
More results

Similar Description - LED46

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LRS250 SIEMENS-LRS250 Datasheet
102Kb / 4P
LIGHT EMITTING DIODES
logo
Panasonic Semiconductor
LN242RPH PANASONIC-LN242RPH_08 Datasheet
315Kb / 3P
Light Emitting Diodes
LNG901CFB PANASONIC-LNG901CFB Datasheet
383Kb / 3P
Light Emitting Diodes
logo
Roithner LaserTechnik G...
LED38-PR ROITHNER-LED38-PR Datasheet
102Kb / 1P
LIGHT EMITTING DIODES
LED38-TEC ROITHNER-LED38-TEC Datasheet
102Kb / 1P
LIGHT EMITTING DIODES
LED46-PR ROITHNER-LED46-PR Datasheet
108Kb / 1P
LIGHT EMITTING DIODES
LED18-TEC-PR ROITHNER-LED18-TEC-PR Datasheet
112Kb / 1P
LIGHT EMITTING DIODES
LED31 ROITHNER-LED31 Datasheet
104Kb / 1P
LIGHT EMITTING DIODES
LED43-PR ROITHNER-LED43-PR Datasheet
78Kb / 1P
LIGHT EMITTING DIODES
LED46 ROITHNER-LED46 Datasheet
103Kb / 1P
LIGHT EMITTING DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com