Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A63005 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE15A63005
Description  TECHNICAL DATA SHEET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A63005 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A63005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A63005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A63005 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A63005 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A63005 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TECHNICAL DATA SHEET
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
800
880
960
1040
1120
1200
1280
1360
1440
1520
1600
dBm
MHz
Noise Figure
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
500
630
760
890
1020
1150
1280
1410
1540
1670
1800
MHz
VSWR
IN
OUT
PE15A63005
PE15A63005 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 dB Gain, 1.2 dB NF, 10 dBm P1dB, 900 MHz to 1.2 GHz, Input Protected Low Noise Ampli-
fier, SMA PE15A63005
40 dB Gain, 1.2 dB NF, 10 dBm P1dB, 900 MHz to
1.2 GHz, Input Protected Low Noise Amplifier, SMA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com