Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6356E Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU6356E
Description  SERIAL I/O REAL TIME CLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6356E Datasheet(HTML) 5 Page - New Japan Radio

  NJU6356E Datasheet HTML 1Page - New Japan Radio NJU6356E Datasheet HTML 2Page - New Japan Radio NJU6356E Datasheet HTML 3Page - New Japan Radio NJU6356E Datasheet HTML 4Page - New Japan Radio NJU6356E Datasheet HTML 5Page - New Japan Radio NJU6356E Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NJU6356
-5 -
sABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
-0.3 to +6.0
V
Input Voltage
VIN
VSS-0.3 to VDD+0.3
V
Power Dissipation
PD
250(DIP8)
200(DMP8)
mW
Operating Temperature Range
Topr
-30 to +80
°C
Storage Temperature Range
Tstg
-55 to +150
°C
sELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD=2.0V, Ta=25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Current
IDD
XT=32.768kHz, CE=0V
3.0
4.0
uA
Low Battery Detect Voltage
VDET
1.1
1.7
V
(VDD=5.0V±10%, Ta=25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
4.5
5.5
V
Operating Current
IDD
XT=32.768kHz, CE=0V
4
15
uA
3-st. Leakage Current
ITSL
DATA
(CE=0V)
-2.0
2.0
uA
Input Leakage Current
IIL
I/O, CLK
-1.0
1.0
uA
Input Current
ICE
CE
(CE=VDD)
20
uA
VIH
I/O, CE, CLK, DATA
0.8VDD
VDD
Input Voltage
VIL
I/O, CE, CLK, DATA
VSS
0.2VDD
V
VOH
DATA
(IOH=-0.4mA)
4.1
Output Voltage
VOL
DATA
(IOL=1.0mA)
0.4
V
AC Characteristics
(VDD=5.0V±10%, Ta=25
°C, C
L=50pF)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
CLK Pulse "H" Period
tCWH
0.47
5000
us
CLK Pulse "L” Period
tCWL
0.47
5000
us
CE Set-up Time Before
CLK Rising
tCS
470
ns
CE Hold Time After CLK Falling
tCH
20
ns
I/O Set-up Time
Before CLK Rising
tDS
60
ns
I/O Hold Time After CLK Falling
tDH
20
ns
Write Down Data Set-Up Time
tWDS
100
ns
Write Down Data Hold Time
tWDH
20
ns
Data Delay Time
After CLK Falling
tRDD
200
ns
Rise/Fall Time
tRF
50
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com