Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS9409L Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMS9409L
Description  N-Channel Logic Level PowerTrench MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS9409L Datasheet(HTML) 2 Page - ON Semiconductor

  FDMS9409L Datasheet HTML 1Page - ON Semiconductor FDMS9409L Datasheet HTML 2Page - ON Semiconductor FDMS9409L Datasheet HTML 3Page - ON Semiconductor FDMS9409L Datasheet HTML 4Page - ON Semiconductor FDMS9409L Datasheet HTML 5Page - ON Semiconductor FDMS9409L Datasheet HTML 6Page - ON Semiconductor FDMS9409L Datasheet HTML 7Page - ON Semiconductor FDMS9409L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
October 2016
©2016 Fairchild Semiconductor Corporation
FDMS9409L_F085 Rev. 1.0
www.fairchildsemi.com
1
FDMS9409L_F085
N-Channel Logic Level PowerTrench® MOSFET
40 V, 65 A, 2.8 m
Ω
Features
Typical RDS(on) = 2.3 mΩ at VGS = 10V, ID = 65 A
Typical Qg(tot) = 47 nC at VGS = 10V, ID = 65 A
UIS Capability
RoHS Compliant
Qualified to AEC Q101
Applications
Automotive Engine Control
PowerTrain Management
Solenoid and Motor Drivers
Electronic Steering
Integrated Starter/Alternator
Distributed Power Architectures and VRM
Primary Switch for 12V Systems
MOSFET Maximum Ratings TJ = 25°C unless otherwise noted.
Symbol
Parameter
Ratings
Units
VDSS
Drain-to-Source Voltage
40
V
VGS
Gate-to-Source Voltage
±20
V
ID
Drain Current - Continuous (VGS=10) (Note 1)
TC = 25°C
65
A
Pulsed Drain Current
TC = 25°C
See Figure 4
EAS
Single Pulse Avalanche Energy
(Note 2)
81
mJ
PD
Power Dissipation
100
W
Derate Above 25oC0.67
W/oC
TJ, TSTG Operating and Storage Temperature
-55 to + 175
oC
RθJC
Thermal Resistance, Junction to Case
1.5
oC/W
RθJA
Maximum Thermal Resistance, Junction to Ambient
(Note 3)
50
oC/W
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMS9409L
FDMS9409L_F085
Power56
13”
12mm
3000units
Notes:
1: Current is limited by bondwire configuration.
2: Starting TJ = 25°C, L = 60μH, IAS = 52A, VDD = 40V during inductor charging and VDD = 0V during time in avalanche.
3: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance, where the case thermal reference is defined as the solder
mounting surface of the drain pins. RθJC is guaranteed by design, while RθJA is determined by the board design. The maximum rating
presented here is based on mounting on a 1 in2 pad of 2oz copper.
For current package drawing, please refer to the Fairchild web‐
site  at  https://www.fairchildsemi.com/package‐drawings/PQ/
PQFN08M.pdf



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com