Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS86183 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMS86183
Description  N-Channel Shielded Gate PowerTrench MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS86183 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMS86183 Datasheet HTML 1Page - ON Semiconductor FDMS86183 Datasheet HTML 2Page - ON Semiconductor FDMS86183 Datasheet HTML 3Page - ON Semiconductor FDMS86183 Datasheet HTML 4Page - ON Semiconductor FDMS86183 Datasheet HTML 5Page - ON Semiconductor FDMS86183 Datasheet HTML 6Page - ON Semiconductor FDMS86183 Datasheet HTML 7Page - ON Semiconductor FDMS86183 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.onsemi.com
Semiconductor Components Industries, LLC, 2016
Publication Order Number:
November, 2016, Rev. 1.0
FDMS86183/D
1
FDMS86183
N-Channel
Shielded Gate PowerTrench® MOSFET
100 V, 51 A, 12.8 m
Ω
Features
Shielded Gate MOSFET Technology
Max rDS(on) = 12.8 mΩ at VGS = 10 V, ID = 16 A
Max rDS(on) = 34.6 mΩ at VGS = 6 V, ID = 8 A
50% Lower Qrr than Other MOSFET Suppliers
Lowers Switching Noise/EMI
MSL1 Robust Package Design
100% UIL Tested
RoHS Compliant
General Description
This N-Channel MV MOSFET is produced using Fairchild
Semiconductor’s
advanced
PowerTrench®
process
that
incorporates Shielded Gate technology. This process has been
optimized to minimize on-state resistance and yet maintain
superior switching performance with best in class soft body
diode.
Applications
Primary DC-DC MOSFET
Synchronous Rectifier in DC-DC and AC-DC
Motor Drive
Solar
Power 56
D
D
D
D
G
S
S
S
Pin 1
Bottom
Top
D
D
D
D
S
S
S
G
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted.
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
100
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous
TC = 25 °C
(Note 5)
51
A
-Continuous
TC = 100 °C
(Note 5)
32
-Continuous
TA = 25 °C
(Note 1a)
10
-Pulsed
(Note 4)
187
EAS
Single Pulse Avalanche Energy
(Note 3)
96
mJ
PD
Power Dissipation
TC = 25 °C
63
W
Power Dissipation
TA = 25 °C
(Note 1a)
2.5
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
2.0
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMS86183
FDMS86183
Power 56
13 ’’
12 mm
3000 units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com