Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75813T Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC75813T
Description  Duty General-Purpose LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813T Datasheet(HTML) 3 Page - ON Semiconductor

  LC75813T_17 Datasheet HTML 1Page - ON Semiconductor LC75813T_17 Datasheet HTML 2Page - ON Semiconductor LC75813T_17 Datasheet HTML 3Page - ON Semiconductor LC75813T_17 Datasheet HTML 4Page - ON Semiconductor LC75813T_17 Datasheet HTML 5Page - ON Semiconductor LC75813T_17 Datasheet HTML 6Page - ON Semiconductor LC75813T_17 Datasheet HTML 7Page - ON Semiconductor LC75813T_17 Datasheet HTML 8Page - ON Semiconductor LC75813T_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LC75813E, LC75813T
www.onsemi.com
3
Note: *1 Excluding the bias voltage generation divider resistors built in the VLCD1 and VLCD2. (See Figure 1.)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, INH
0.1 VDD
V
Input high level current
IIH
CE, CL, DI, INH: VI = 6.0 V
5.0
μA
Input low level current
IIL
CE, CL, DI, INH: VI = 0 V
–5.0
μA
VOH1
S1 to S87: IO = –20 μAVLCD – 0.9
Output high level voltage
VOH2
COM1 to COM4: IO = –100 μAVLCD – 0.9
V
VOH3
P1 to P8: IO = –1 mA
VLCD – 0.9
VOL1
S1 to S87: IO = 20 μA0.9
Output low level voltage
VOL2
COM1 to COM4: IO = 100 μA0.9
V
VOL3
P1 to P8: IO = 1 mA
0.9
VMID1
COM1 to COM4: 1/2 bias, IO =±100 μA
1/2 VLCD
1/2 VLCD +
0.9
0.9
VMID2
S1 to S87: 1/3 bias, IO =±20 μA
2/3 VLCD
2/3 VLCD +
0.9
0.9
Output middle level voltage*1VMID3
S1 to S87: 1/3 bias, IO =±20 μA
1/3 VLCD
1/3 VLCD +
V
0.9
0.9
VMID4
COM1 to COM4: 1/3 bias, IO =±100 μA
2/3 VLCD
2/3 VLCD +
0.9
0.9
VMID5
COM1 to COM4: 1/3 bias, IO =±100 μA
1/3 VLCD
1/3 VLCD +
0.9
0.9
Oscillator frequency
fOSC
OSC: ROSC = 39 k, COSC = 1000 pF
30.4
38
45.6
kHz
IDD1VDD: Power-saving mode
5
IDD2VDD: VDD = 6.0 V, output open, fOSC = 38 kHz
250
500
Current drain
ILCD1VLCD: Power-saving mode
5
μA
ILCD2VLCD: VLCD = 6.0 V, output open, 1/2 bias, fOSC = 38 kHz
200
400
ILCD3VLCD: VLCD = 6.0 V, output open, 1/3 bias, fOSC = 38 kHz
120
240
Electrical Characteristics for the Allowable Operating Ranges
Figure 1
VSS
To the common segument drivers
VLCD2
VLCD1
Except these resistors
VLCD
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com