Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75813T Datasheet(PDF) 25 Page - ON Semiconductor

Part # LC75813T
Description  Duty General-Purpose LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813T Datasheet(HTML) 25 Page - ON Semiconductor

Back Button LC75813T Datasheet HTML 20Page - ON Semiconductor LC75813T Datasheet HTML 21Page - ON Semiconductor LC75813T Datasheet HTML 22Page - ON Semiconductor LC75813T Datasheet HTML 23Page - ON Semiconductor LC75813T Datasheet HTML 24Page - ON Semiconductor LC75813T Datasheet HTML 25Page - ON Semiconductor LC75813T Datasheet HTML 26Page - ON Semiconductor LC75813T Datasheet HTML 27Page - ON Semiconductor LC75813T Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Page 25
LC75813E, 75813T
Sample Application Circuit 7
1/4 Duty, 1/3 Bias (for use with nornal panels)
Sample Application Circuit 8
1/4 Duty, 1/3 Bias (for use with large panels)
C
+5 V
+3 V
*2
C
From the
controller
Used for functions
such as backlight
control
General-purpose
output ports
(P8)
(P2)
(P1)
C
≥ 0.047µF
DI
CL
CE
INH
VLCD2
VLCD1
VLCD
VSS
S86
S85
S9
P8/S8
P1/S1
S87/COM4
P2/S2
COM3
COM2
COM1
OSC
VDD
C
+5 V
+3 V
*2
R
R
R
C
DI
CL
CE
INH
VLCD2
VLCD1
VLCD
VSS
S86
S85
S9
P8/S8
P1/S1
S87/COM4
P2/S2
COM3
COM2
COM1
OSC
VDD
From the
controller
Used for functions
such as backlight
control
General-purpose
output ports
(P8)
(P2)
(P1)
10 k
Ω ≥ R ≥ 1 kΩ
C
≥ 0.047 µF
Note: *2 When a capacitor except the recommended external capacitance (Cosc = 1000 pF) is connected the OSC pin, we recommend that applications
connect the OSC pin with a capacitor in the range 220 to 2200 pF.
Note: *2 When a capacitor except the recommended external capacitance (Cosc = 1000 pF) is connected the OSC pin, we recommend that applications
connect the OSC pin with a capacitor in the range 220 to 2200 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com