Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75813ES-T Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC75813ES-T
Description  Duty General-Purpose LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813ES-T Datasheet(HTML) 2 Page - ON Semiconductor

  LC75813ES-T Datasheet HTML 1Page - ON Semiconductor LC75813ES-T Datasheet HTML 2Page - ON Semiconductor LC75813ES-T Datasheet HTML 3Page - ON Semiconductor LC75813ES-T Datasheet HTML 4Page - ON Semiconductor LC75813ES-T Datasheet HTML 5Page - ON Semiconductor LC75813ES-T Datasheet HTML 6Page - ON Semiconductor LC75813ES-T Datasheet HTML 7Page - ON Semiconductor LC75813ES-T Datasheet HTML 8Page - ON Semiconductor LC75813ES-T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LC75813E, LC75813T
www.onsemi.com
2
Specifications
Absolute Maximum Ratings at Ta = 25C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VLCD max
VLCD
–0.3 to +7.0
Input voltage
VIN1
CE, CL, DI, INH
–0.3 to +7.0
V
VIN2
OSC
–0.3 to VDD +0.3
VIN3
VLCD1, VLCD2
–0.3 to VLCD +0.3
Output voltage
VOUT1
OSC
–0.3 to VDD +0.3
V
VOUT2
S1 to S87, COM1 to COM4, P1 to P8
–0.3 to VLCD +0.3
Output current
IOUT1
S1 to S87
300
A
IOUT2
COM1 to COM4
3
mA
IOUT3
P1 to P8
5
mA
Allowable power dissipation
Pd max
Ta = 85°C
200
mW
Operating temperature
Topr
–40 to +85
C
Storage temperature
Tstg
–55 to +125
C
Allowable Operating Ranges at Ta = 40 to +85C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
2.7
6.0
V
VLCD
VLCD
2.7
6.0
Input voltage
VLCD1
VLCD1
2/3VLCD
VLCD
V
VLCD2
VLCD2
1/3VLCD
VLCD
Input high-level voltage
VIH
CE, CL, DI, INH
0.8VDD
6.0
V
Input low-level voltage
VIL
CE, CL, DI, INH
0
0.2VDD
V
Recommended external
resistance
ROSC
OSC
39
k
Recommended external
capacitance
COSC
OSC
1000
pF
Guaranteed oscillation range
fOSC
OSC
19
38
76
kHz
Data setup time
tds
CL, DI : Figure 2
160
ns
Data hold time
tdh
CL, DI : Figure 2
160
ns
CE wait time
tcp
CE, CL : Figure 2
160
ns
CE setup time
tcs
CE, CL : Figure 2
160
ns
CE hold time
tch
CE, CL : Figure 2
160
ns
High-level clock pulse width
t
H
CL : Figure 2
160
ns
Low-level clock pulse width
t
L
CL : Figure 2
160
ns
Rise time
tr
CE, CL, DI : Figure 2
160
ns
Fall time
tf
CE, CL, DI : Figure 2
160
ns
INH switching time
tc
INH, CE : Figure 3
10
s
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com