Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9530D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9530D
Description  2-bit I2C LED dimmer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9530D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9530D Datasheet HTML 8Page - NXP Semiconductors PCA9530D Datasheet HTML 9Page - NXP Semiconductors PCA9530D Datasheet HTML 10Page - NXP Semiconductors PCA9530D Datasheet HTML 11Page - NXP Semiconductors PCA9530D Datasheet HTML 12Page - NXP Semiconductors PCA9530D Datasheet HTML 13Page - NXP Semiconductors PCA9530D Datasheet HTML 14Page - NXP Semiconductors PCA9530D Datasheet HTML 15Page - NXP Semiconductors PCA9530D Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Philips Semiconductors
Preliminary data
PCA9530
2-bit I2C LED dimmer
2002 Dec 12
13
SDA
SCL
SW01087
tREC
tREC
50%
30%
50%
50%
50%
tREC
tW
RESET
LEDx
LED OFF
ACK OR READ CYCLE
START
Figure 17. Definition of RESET timing
tSP
tBUF
tHD;STA
P
P
S
tLOW
tR
tHD;DAT
tF
tHIGH
tSU;DAT
tSU;STA
Sr
tHD;STA
tSU;STO
SDA
SCL
SU00645
Figure 18. Definition of timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com