Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75813TS-E Datasheet(PDF) 11 Page - ON Semiconductor

Part # LC75813TS-E
Description  Duty General-Purpose LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813TS-E Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC75813TS-E Datasheet HTML 7Page - ON Semiconductor LC75813TS-E Datasheet HTML 8Page - ON Semiconductor LC75813TS-E Datasheet HTML 9Page - ON Semiconductor LC75813TS-E Datasheet HTML 10Page - ON Semiconductor LC75813TS-E Datasheet HTML 11Page - ON Semiconductor LC75813TS-E Datasheet HTML 12Page - ON Semiconductor LC75813TS-E Datasheet HTML 13Page - ON Semiconductor LC75813TS-E Datasheet HTML 14Page - ON Semiconductor LC75813TS-E Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Control Data Functions
1. P0 to P3: Segment output port/general-purpose output port switching control data.
These control data bits switch the S1/P1 to S8/P8 output pins between their segment output port and general-purpose
output port functions.
Note: Sn (n = 1 to 8): Segment output ports
Pn (n = 1 to 8): General-purpose output ports
Also note that when the general-purpose output port function is selected, the output pins and the display data will
have the correspondences listed in the tables below.
For example, when 1/4 duty drive scheme is used, if the general-purpose output port function is selected for the
S4/P4 output pin, that output pin will output a high level (VLCD) when the display data D13 is 1, and a low level
(VSS) when the D13 is 0.
Page 11
LC75813E, 75813T
Control data
Output pin state
P0
P1
P2
P3
S1/P1
S2/P2
S3/P3
S4/P4
S5/P5
S6/P6
S7/P7
S8/P8
0
0
0
0
S1
S2
S3
S4
S5
S6
S7
S8
0
0
0
1
P1
S2
S3
S4
S5
S6
S7
S8
0
0
1
0
P1
P2
S3
S4
S5
S6
S7
S8
0
0
1
1
P1
P2
P3
S4
S5
S6
S7
S8
0
1
0
0
P1
P2
P3
P4
S5
S6
S7
S8
0
1
0
1
P1
P2
P3
P4
P5
S6
S7
S8
0
1
1
0
P1
P2
P3
P4
P5
P6
S7
S8
0
1
1
1
P1
P2
P3
P4
P5
P6
P7
S8
1
0
0
0
P1
P2
P3
P4
P5
P6
P7
P8
Output pin
Corresponding display data
1/3 duty
1/4 duty
S1/P1
D1
D1
S2/P2
D4
D5
S3/P3
D7
D9
S4/P4
D10
D13
S5/P5
D13
D17
S6/P6
D16
D21
S7/P7
D19
D25
S8/P8
D22
D29
2. DR: 1/2 bias drive or 1/3 bias drive switching control data
This control data bit selects either 1/2 bias drive or 1/3 bias drive.
DR
Bias drive scheme
0
1/3 bias drive
1
1/2 bias drive
3. DT: 1/3 duty drive or 1/4 duty drive switching control data
This control data bit selects either 1/3 duty drive or 1/4 duty drive.
Note: COM4: common output
S87: segment output
DT
Duty drive scheme
Output pin state (COM4/S87)
0
1/4 duty drive
COM4
1
1/3 duty drive
S87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com