Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768EDS/R Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8768EDS/R
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768EDS/R Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8768EDS/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM8768EDS/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8768EDS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8768EDS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8768EDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8768EDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8768EDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8768EDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8768EDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Production Data
WM8768
w
PD Rev 4.1 March 2005
3
PIN CONFIGURATION 28 PIN SSOP
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8768EDS
-25 to +85
oC
28-pin SSOP
MSL3
260°C
WM8768EDS/R
-25 to +85
oC
28-pin SSOP
(tape and reel)
MSL3
260°C
WM8768GEDS
-25 to +85
oC
28-pin SSOP
(lead free)
MSL3
260°C
WM8768GEDS/R
-25 to +85
oC
28-pin SSOP
(lead free, tape and reel)
MSL3
260°C
Note:
Reel quantity = 2,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com