Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7420 Datasheet(PDF) 51 Page - Texas Instruments

Part # PCI7420
Description  DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7420 Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCI7420 Datasheet HTML 47Page - Texas Instruments PCI7420 Datasheet HTML 48Page - Texas Instruments PCI7420 Datasheet HTML 49Page - Texas Instruments PCI7420 Datasheet HTML 50Page - Texas Instruments PCI7420 Datasheet HTML 51Page - Texas Instruments PCI7420 Datasheet HTML 52Page - Texas Instruments PCI7420 Datasheet HTML 53Page - Texas Instruments PCI7420 Datasheet HTML 54Page - Texas Instruments PCI7420 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 248 page
background image
3–6
MMC cards, like SmartMedia cards, are also used in many types of consumer electronic devices. Because of their
small size, they are primarily used in portable music players and phones.
3.5.2
Secure Digital (SD)
SD cards are the same size as MMC cards, except for the thickness, which at 2,1 mm is slightly thicker than an MMC
card. SD cards are based upon MMC cards, with the addition of two terminals. The use of these two terminals and
a reserved terminal on MMC cards allows the data bus on SD cards to be up to 4 bits wide instead of the 1-bit width
of the MMC data bus. SD cards can communicate in either SD mode or SPI mode.
The voltage range for basic communication with SD cards is 2.0 to 3.6 V, and the voltage range for other commands
and memory access is 2.7 to 3.6 V. SD cards can be read-only or read/write.
SD is essentially a superset of MMC, in that MMC cards work in SD systems, but SD cards do not work in current
MMC systems. Unlike MMC, each SD card in a system must have a dedicated bus. One of the primary benefits of
SD cards is the added security that they provide. SD cards comply with the highest security of SDMI, have built-in
write-protect features, and include a mechanical write-protect switch.
SD cards are used in many of the same devices as MMC cards. The additional security features of the SD cards also
allow their use in more-secure applications or in devices where content protection is essential.
3.5.3
Memory Stick/MS-Pro
Memory Stick cards are about the size of a stick of gum and are 2,8 mm thick. Developed by Sony, Memory Stick
cards have a 10-terminal interface of which three terminals are used for serial communication, two terminals apply
power, two terminals are ground, one terminal is for insertion detection, and two terminals are reserved for future use.
Each card also includes an erasure-prevention switch to protect data stored on the card.
The voltage range for Memory Stick cards is 2.7 to 3.6 V, and the clock speed can be up to 20 MHz. Memory Stick
cards use the FAT file system to allow for easy communication with PCs.
There are two types of Memory Stick cards, the standard Memory Stick and the MagicGate Memory Stick. MagicGate
technology provides security to Memory Stick cards so that they can be used to store and protect copyrighted data.
Memory Stick cards are primarily used to store still images, moving images, voice, and music. As such, they are used
in a variety of devices, including portable music players, digital cameras, and digital picture frames.
3.5.4
Smart Card
Smart Cards, also called integrated circuit cards or ICCs, are the same size as a credit card, and they contain an
embedded microprocessor chip. Smart Cards can either have contacts or be contactless. In addition, there are both
asynchronous and synchronous versions of Smart Cards with contacts. Within this data manual, all uses of the term
Smart Card refers only to asynchronous Smart Cards with contacts.
Smart Cards contain eight contacts; however, two of the contacts are reserved for future use and are not included
in the UltraMedia interface. Smarts Cards can be either 5-V or 3-V cards; however, all 3-V cards are designed to work
also at 5 V.
The primary use of Smart Cards is in security-related applications. They are also used in credit cards, debit systems,
and identification systems.
3.6
PC Card Applications
The PCI7x20 device supports all the PC Card features and applications as described below.
•
Card insertion/removal and recognition per the PC Card Standard (release 8.0)
•
Speaker and audio applications
•
LED socket activity indicators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com