Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3245 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C3245
Description  8-Bit, 2-Port Bus Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3245 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C3245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3245 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PS7015A
06/28/99
Function
BE
A0–7
Disconnect
H
Hi-Z
Connect
L
B0–7
Truth Table(1)
Note:
1. H
=
High Voltage Level
L
=
Low Voltage Level
Hi-Z =
High Impedance
Logic Block Diagram
Product Pin Description
Pin Name
Description
BE
Bus Enable Input (Active LOW)
A0–7
Bus A
B0–7
Bus B
GND
Ground
VCC
Power
Product Pin Configuration
PI5C3245
8-Bit, 2-Port Bus Switch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Product Features
• Near zero propagation delay
•5Ω switches connect inputs to outputs
• Direct bus connection when switches are on
• Ultra Low Quiescent Power (0.2µA Typical)
– Ideally suited for notebook applications
• Pin compatible with 74 series 245 logic devices
• Packages available:
–20-pin173milwideplasticTSSOP(L)
– 20-pin 300 mil wide plastic PDIP (P)
– 20-pin 150 mil wide plastic QSOP (Q)
– 20-pin 300 mil wide plastic SOIC (S)
Product Description
Pericom Semiconductor’s PI5C series of logic circuits are produced
using the Company’s advanced submicron CMOS technology,
achieving industry leading performance.
The PI5C3245 is a 8-bit, 2-port bus switch designed with a low ON
resistance (5Ω) allowing inputs to be connected directly to outputs.
Thebusswitchcreatesnoadditionalpropagationaldelayoradditional
ground bounce noise. The switches are turned on by the Bus Enable
(BE) input signal. The pinout is compatible with PI74FCT245T
(Octal Bidirectional Transceiver).
BE
A7
A0
B7
B0
VCC
NC
1
20
BE
A0
219
B0
A1
318
B1
A2
417
B2
A3
516
B3
A4
615
B4
A5
714
B5
A6
813
B6
A7
912
B7
GND
10
11
20-Pin
L20
P20
Q20
S20


Similar Part No. - PI5C3245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3245L PERICOM-PI5C3245L Datasheet
352Kb / 5P
8-Bit, 2-Port Bus Switch
PI5C3245LE PERICOM-PI5C3245LE Datasheet
352Kb / 5P
8-Bit, 2-Port Bus Switch
PI5C3245LE PERICOM-PI5C3245LE Datasheet
696Kb / 5P
8-Bit, 2-Port Bus Switch
PI5C3245Q PERICOM-PI5C3245Q Datasheet
352Kb / 5P
8-Bit, 2-Port Bus Switch
PI5C3245QE PERICOM-PI5C3245QE Datasheet
352Kb / 5P
8-Bit, 2-Port Bus Switch
More results

Similar Description - PI5C3245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VT3245 PERICOM-PI3VT3245 Datasheet
311Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
8-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3245A POTATO-PO3B3245A Datasheet
544Kb / 6P
8-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3245QE PERICOM-PI5C3245QE Datasheet
352Kb / 5P
8-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B3245A POTATO-PO3B3245A_14 Datasheet
1Mb / 5P
8-Bit, 2-Port Bus Switch
PO3B16245A POTATO-PO3B16245A_14 Datasheet
1Mb / 5P
16-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3384S PERICOM-PI5C3384S Datasheet
466Kb / 6P
10-Bit, 2-Port Bus Switch
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
PI5C3245 PERICOM-PI5C3245_10 Datasheet
696Kb / 5P
8-Bit, 2-Port Bus Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com