Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-034SR Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-034SR
Description  TECHNICAL DATA SHEET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-034SR Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-034SR Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-034SR Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-034SR Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Shield:
Number of
1
Material 1
Copper
Diameter, in [mm]
0.034 [0.86]
Jacket:
Color
Tan
One Time Minimum Bend Radius, in [mm]
0.5 [12.7]
Weight, lbs/ft [Kg/m]
0.002 [0]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
034 Semi-rigid Coax Cable with Copper Outer Conductor from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 034 Semi-rigid Coax Cable with Copper Outer Conductor PE-034SR
URL: http://www.pasternack.com/semirigid-0.034-50-ohm-coax-cable-copper-pe-034sr-p.aspx
PE-034SR
PE-034SR REV
034 Semi-rigid Coax Cable with Copper Outer Conductor



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com