Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMV60EN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMV60EN
Description  UTrenchMOS enhanced logic level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMV60EN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMV60EN Datasheet HTML 4Page - NXP Semiconductors PMV60EN Datasheet HTML 5Page - NXP Semiconductors PMV60EN Datasheet HTML 6Page - NXP Semiconductors PMV60EN Datasheet HTML 7Page - NXP Semiconductors PMV60EN Datasheet HTML 8Page - NXP Semiconductors PMV60EN Datasheet HTML 9Page - NXP Semiconductors PMV60EN Datasheet HTML 10Page - NXP Semiconductors PMV60EN Datasheet HTML 11Page - NXP Semiconductors PMV60EN Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
PMV60EN
µTrenchMOS™ enhanced logic level FET
Product data
Rev. 01 — 15 January 2003
8 of 12
9397 750 10895
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Tj =25 oC and 150 oC; VGS =0V
ID = 3 A; VDD =15V
Fig 12. Source (diode forward) current as a function of
source-drain (diode forward) voltage; typical
values.
Fig 13. Gate-source voltage as a function of gate
charge; typical values.
03ak73
0
1
2
3
0
0.3
0.6
0.9
1.2
VSD (V)
IS
(A)
Tj = 25 °C
150
°C
VGS = 0 V
03ak75
0
2
4
6
8
10
02
46
8
10
QG (nC)
VGS
(V)
ID = 3 A
Tj = 25 °C
VDD = 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com