Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDM66005LT Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LDM66005LT
Description  LASERDIODEMODULE TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LDM66005LT Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LDM66005LT Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LASERDIODEMODULE TYPE
LASERDIODEMODULE TYPE
LT
LT
TECHNICAL DATA:
TECHNICAL DATA:
• diameter 12.7 mm, length 50.8 mm +/- 0.5 mm
• supply voltage: 4.0 .. 6.0 VDC (5.0 VDC typ.)
• LED supply voltage indicator on backside
• laserdiode powerregulated, cw, power adjustable
• available power range cw: 1 mW ... 40 mW (40 mW only @ 830 nm)
• available wavelengths: 635 nm, 650 nm, 660 nm, 780 nm, 808 nm, 830 nm
• focusable 3-lens type glasscollimator, all surfaces AR coated
• beamdimensions at aperture: typ. 5 x 2 mm²
• leadlength typ. 10 cm (red: plus, black: minus)
• ATTENTION! potential of case is supply voltage plus!
• operating temperature: -10°C ... +40°C
• storage temperature: -40°C ... +80°C
ORDERSCHEME:
ORDERSCHEME:
LDMxxx/yyLT
xxx: wavelength in nm
yy: power in mW
LT: module type
example: LDM660/05LT
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
A-1040 WIEN, FLEISCHMANNGASSE 9
TEL: +43 -1- 586 52 43 FAX: +43 -1- 586 41 43
e-mail: office@roithner-laser.com
http://www.roithner-laser.com
Laser radiation
Do not stare into the beam
Laser Class 2
Laser radiation
Do not stare into the beam
Laser Klasse 3A
Laser radiation
Do not stare into the beam
Laser Klasse 3B
12.7
12.5
12.5
trimmer
for power
M11 x 0.5 inner thread
focusable optic
5 mm
34 mm
backside
50.8 mm +/- 0.5mm
LED
NOTE!
LASERMODULE
MUST BE COOLED!


Similar Part No. - LDM66005LT

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LDM660/03LTM ROITHNER-LDM660/03LTM Datasheet
35Kb / 1P
modulable DC .. 1 MHz
LDM660/3LJ ROITHNER-LDM660/3LJ Datasheet
31Kb / 1P
TECHNICHAL DATA
LDM6603LJ ROITHNER-LDM6603LJ Datasheet
31Kb / 1P
TECHNICHAL DATA
More results

Similar Description - LDM66005LT

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS11012 POWEREX-PS11012 Datasheet
409Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS11017 POWEREX-PS11017 Datasheet
2Mb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12013-A POWEREX-PS12013-A Datasheet
387Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12014-A POWEREX-PS12014-A Datasheet
393Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12018-A POWEREX-PS12018-A Datasheet
393Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
logo
Mitsubishi Electric Sem...
PS21352-N MITSUBISHI-PS21352-N Datasheet
182Kb / 9P
TRANSFER-MOLD TYPE INSULATED TYPE
logo
Roithner LaserTechnik G...
LT ROITHNER-LT Datasheet
41Kb / 1P
LASERDIODEMODULE TYPE
LTM ROITHNER-LTM Datasheet
35Kb / 1P
LASERDIODEMODULE TYPE
logo
Adam Technologies, Inc.
HDMI-PLUG-OM ADAM-TECH-HDMI-PLUG-OM Datasheet
82Kb / 1P
HDMI TYPE PLUG SOLDER TYPE
HDMI-PLUG-OM2-15 ADAM-TECH-HDMI-PLUG-OM2-15 Datasheet
88Kb / 1P
HDMI TYPE PLUG SOLDER TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com