Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED660-04A Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED660-04A
Description  Dual LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED660-04A Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED660-04A Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED660-04A Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01.08.2012
LED565/660-04A
1 of 2
LED565/660-04A
TECHNICAL DATA
Dual LED, 5 mm package
GaP, DDH AlGaAs
LED565/660-04A is a bi-color LED, containing a GaP (565 nm) and DDH AlGaAs (660 nm) LED
chip die, which are mounted on a lead frame with a clear epoxy lens.
On forward bias, it emits a power radiation of typical 0.2 mW and 4.0 mW at peak wavelengths of
nm and 660 nm.
Specifications
(Unit: mm)
•
Structure:
GaP and DDH AlGaAs
•
Peak Wavelength:
565 and 660 nm
•
Optical Output Power:
0.2 and 4.0 mW
•
Package:
Ø 5 mm clear molding
•
Resin Material:
clear epoxy resin
•
Lead Frame:
soldered
Absolute Maximum Ratings (TA=25°C)
Item
Symbol
Value
Unit
565 nm
660 nm
Power Dissipation
PD
80
75
mW
Forward Current
IF
30
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-30 … +85
°C
Storage Temperature
Tstg
-30 … +100
°C
Soldering Temperature *
Tsol
240
°C
* must be completed within 3 seconds at 260°C
Electro-Optical Characteristics
Item
Symbol Condition
Min.
Typ.
Max.
Unit
565nm 660nm 565nm 660nm 565nm 660nm
Peak Wavelength
λ
P
IF = 20 mA
562
645
565
655
-
665
nm
Half Width
Δλ
IF = 20 mA
-
50
20
-
nm
Total Radiated Power *
PO
IF = 20 mA
0.1
2.5
0.2
4.0
0.3
6.5
mW
Forward Voltage
VF
IF = 20 mA
-
-
2.2
1.9
2.4
2.3
V
Reverse Current
IR
VR = 5 V
-
-
-
10
µA
Viewing Half Angle
Θ
1/2
IF = 20 mA
-
±20
-
deg.
*
1 measured by Photodyne #500
Note: The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - LED660-04A

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED660-66-60 ROITHNER-LED660-66-60 Datasheet
136Kb / 2P
High Power LED Array
More results

Similar Description - LED660-04A

ManufacturerPart #DatasheetDescription
logo
AUK corp
SRM5670A AUK-SRM5670A Datasheet
69Kb / 3P
Dual LED Lamp
SAM5370 AUK-SAM5370 Datasheet
222Kb / 4P
Dual LED Lamp
SRM3270-A AUK-SRM3270-A Datasheet
190Kb / 4P
Dual LED Lamp
SRM2331-E AUK-SRM2331-E Datasheet
143Kb / 4P
Dual Chip LED
SRM5670-A AUK-SRM5670-A Datasheet
245Kb / 4P
Dual LED Lamp
SYM5270 AUK-SYM5270 Datasheet
215Kb / 4P
Dual LED Lamp
SAM2331 AUK-SAM2331_1 Datasheet
142Kb / 4P
Dual Chip LED
SAM2333 AUK-SAM2333_1 Datasheet
212Kb / 4P
Dual Chip LED
logo
Bedford Opto Technology...
PCTL160 BOT-PCTL160 Datasheet
40Kb / 2P
DUAL 5mm LED
logo
Roithner LaserTechnik G...
LED760-04A ROITHNER-LED760-04A Datasheet
144Kb / 3P
Dual LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com