Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED940-04A Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED940-04A
Description  Dual LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED940-04A Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED940-04A Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED940-04A Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED940-04A Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
29.08.2011
LED760/940-04A
1 of 3
LED760/940-04A
TECHNICAL DATA
Dual LED, 5 mm
AlGaAs, GaAs
Dual LED of LED760/940-04A consists of DDH AlGaAs and GaAs LEDs mounted on a lead frame
with a clear epoxy lens.
On forward bias it emits a band of visible light, which peaks 760nm and 940 at anode common.
Specifications
• Structure: AlGaAs (DDH structure)
• Peak Wavelength: typ. 760 nm / 940 nm
• Optical Ouput Power: typ. 15 mW / 14 mW
• Resin Material: Epoxy resin
• Solder: Lead free
Absolute Maximum Ratings (Ta=25°C)
Value
Item
Symbol
760mn
940nm
Unit
Power Dissipation
PD
200
140
mW
Forward Current
IF
100
mA
Reverse Voltage
VR
10
V
Operating Temperature
Topr
-30 … +80
°C
Storage Temperature
Tstg
-30 … +100
°C
Soldering Temperature *
Tsol
265
°C
* must be completed within 3 seconds
(Unit: mm)
Electro-Optical Characteristics
Min.
Typ.
Max.
Item
Symbol
Condition
760nm 940nm 760nm 940nm 760nm
940nm
Unit
Forward Voltage
VF
IF = 20 mA
-
1.85
1.30
2.00
1.45
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Total Radiated Power
PO
IF = 20 mA
8.0
8.0
15.0
14.0
-
-
mW
Peak Wavelength
λ
P
IF = 20 mA
740
930
760
940
780
960
nm
Half Width
Δλ
IF = 20 mA
-
30
50
-
nm
Viewing Half Angle
Θ
1/2
IF = 20 mA
-
±20
-
deg.
Total Radiated Power is measured by Photodyne #500
Notes
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - LED940-04A

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED940-40 ROITHNER-LED940-40 Datasheet
241Kb / 1P
High Power Metal Stem LED Lamp
LED940-66-60 ROITHNER-LED940-66-60 Datasheet
264Kb / 3P
High Power LED Array
More results

Similar Description - LED940-04A

ManufacturerPart #DatasheetDescription
logo
AUK corp
SRM5670A AUK-SRM5670A Datasheet
69Kb / 3P
Dual LED Lamp
SAM5370 AUK-SAM5370 Datasheet
222Kb / 4P
Dual LED Lamp
SRM3270-A AUK-SRM3270-A Datasheet
190Kb / 4P
Dual LED Lamp
SRM2331-E AUK-SRM2331-E Datasheet
143Kb / 4P
Dual Chip LED
SRM5670-A AUK-SRM5670-A Datasheet
245Kb / 4P
Dual LED Lamp
SYM5270 AUK-SYM5270 Datasheet
215Kb / 4P
Dual LED Lamp
SAM2331 AUK-SAM2331_1 Datasheet
142Kb / 4P
Dual Chip LED
SAM2333 AUK-SAM2333_1 Datasheet
212Kb / 4P
Dual Chip LED
logo
Bedford Opto Technology...
PCTL160 BOT-PCTL160 Datasheet
40Kb / 2P
DUAL 5mm LED
logo
Roithner LaserTechnik G...
LED565-04A ROITHNER-LED565-04A Datasheet
103Kb / 2P
Dual LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com