Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM-E Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LTM-E
Description  modulable DC .. 1 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LTM-E Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LTM-E Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LASERDIODEMODULE TYPE
LASERDIODEMODULE TYPE
LTM
modulable DC .. 1 MHz
TECHNICAL DATA:
TECHNICAL DATA:
• diameter: 12.7mm, length: 50.8mm +/- 0.5mm
• supply voltage: 4.0 .. 6.0 VDC (5.0 VDC typ.)
• modulable DC ... 1 MHz. HC, TTL compatible, 0 V: laser OFF, 5 V: Laser ON
• laserdiode APC, power with modulation voltage adjustable
• available cw laserpower: 1mW up to 40mW (40mW only 830nm)
• available wavelengths: 635nm, 650nm, 660nm, 780nm, 808nm, 830nm, 850nm
• focusable, AR-coated 3-lens glass collimator, focus distance: 6cm .. ∞
• beam dimension: typ. 5.8 x 3.4 mm, divergence: 0.25 x 0.33 mrad
• wirelength 10 cm typ. (red: plus, black: minus, yellow: modulation)
• operating temperature: -10°C ... +40°C
• storage temperature: -40°C ... +80°C
ORDER INFORMATION:
ORDER INFORMATION:
LDMxxx/yyLTM
xxx: wavelength in nm
yy: power in mW
LT: modul type
Example: LDM660/03LTM
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
A-1040 WIEN, FLEISCHMANNGASSE 9
TEL: +43 -1- 586 52 43 FAX: +43 -1- 586 41 43
e-mail: office@roithner-laser.com
http://www.roithner-laser.com
12.7
12.5
12.5
M11 x 0.5
34 mm
50.8 mm +/- 0.5mm
optic focusable
5 mm
rear
Laserstrahlung
Nicht in den Strahl blicken
Laser Klasse 2
Laserstrahlung
Nicht in den Strahl blicken
Laser Klasse 3A
Laserstrahlung
Nicht in den Strahl blicken
Laser Klasse 3B
red:
⊕
⊕
black: MINUS
yellow: modulation


Similar Part No. - LTM-E

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTM-0124M-01 LITEON-LTM-0124M-01 Datasheet
1Mb / 10P
LED Display
LTM-0137M LITEON-LTM-0137M Datasheet
1Mb / 12P
LED Display
LTM-0215F LITEON-LTM-0215F Datasheet
704Kb / 12P
LED Display
LTM-0305M-01 LITEON-LTM-0305M-01 Datasheet
530Kb / 16P
LED Display
LTM-0415G LITEON-LTM-0415G Datasheet
785Kb / 16P
LED Display
More results

Similar Description - LTM-E

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
FP-518 SIRENZA-FP-518 Datasheet
85Kb / 1P
Wideband RF/Pulse Transformer 1-750 MHz/1-100 MHz
HF-110 SIRENZA-HF-110 Datasheet
86Kb / 1P
Wideband RF/Pulse Transformer 1-500 MHz/1-700 MHz
logo
Integrated Circuit Syst...
SF0070BA03047S ICST-SF0070BA03047S Datasheet
225Kb / 2P
70 MHz Filter 1 MHz Bandwidth
Rev X3
logo
Roithner LaserTechnik G...
EU-42 ROITHNER-EU-42 Datasheet
54Kb / 1P
MODULABLE LASERDIODEDRIVER
logo
SCHOTT CORPORATION
22083 SCHOTT-22083 Datasheet
23Kb / 1P
PULSE TRANSFORMER, 1:1, 1-10 MHz
logo
API Technologies Corp
MR126B APITECH-MR126B Datasheet
133Kb / 1P
RF/LO: 1 to18 GHz IF: DC to 500 MHz
SF0070BA03047S APITECH-SF0070BA03047S Datasheet
226Kb / 2P
70 MHz Filter 1 MHz Bandwidth
logo
Keysight Technologies
E4982A KEYSIGHT-E4982A Datasheet
3Mb / 22P
1 MHz to 300 MHz/500 MHz/1 GHz/3 GHz
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Microchip Technology
PL133-97 MICROCHIP-PL133-97 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:9 Fanout Buffer IC
Revision A (April 2022)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com