Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED43 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED43
Description  Mid-Infrared Light Emitting Diodes and Photodiodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED43 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED43 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED43 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16.09.2010
Mid-IR – Product Line Overview
1 of 2
Mid-IR Products
Product Line Overview
Mid-Infrared Light Emitting Diodes and Photodiodes
We offer:
• Standard LEDs
• Flip-Chip bounded LEDs
• Multi Chip LEDs
• PDs
• LED drivers and PD amplifiers
Standard LEDs
LED chips with circular or ring top contact
Product series
Peak wavelength
Product series
Peak wavelength
LED18
1.85 – 1.88 µm
LED35
3.55 µm
LED19
1.95 µm
LED36
3.65 µm
LED20
2.05 µm
LED38
3.75 µm
LED21
2.15 – 2.18 µm
LED39
3.90 µm
LED22
2.20 – 2.27 µm
LED41
4.05 µm
LED23
2.31 – 2.35 µm
LED43
4.15 µm
LED29
2.84 µm
LED46
4.45 µm
LED34
3.40 µm
Flip-Chip bounded LEDs
LED chip top surface is free of contacts
Product series
Peak wavelength
Product series
Peak wavelength
LED16FC
1.65 µm
LED21FC
2.15 µm
LED17FC
1.75 µm
LED22FC
2.25 µm
LED18FC
1.85 µm
LED23FC
2.35 µm
LED19FC
1.95 µm
LED34FC
3.40 µm
LED20FC
2.05 µm
LED37FC
3.75 µm
Multi Chip LEDs
A number of similar or different LED-chips mounted in a single compact package and driven
together or independently.
Flip-Chip bounded LEDs
LED chip top surface is free of contacts
Product series
Peak wavelength
Product series
Peak wavelength
LED16FC
1.65 µm
LED21FC
2.15 µm
LED17FC
1.75 µm
LED22FC
2.25 µm


Similar Part No. - LED43

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED43 ROITHNER-LED43 Datasheet
594Kb / 3P
mid-ir led
LED43 ROITHNER-LED43 Datasheet
78Kb / 1P
LIGHT EMITTING DIODES
LED43 ROITHNER-LED43 Datasheet
74Kb / 1P
LIGHT EMITTING DIODES
LED43-PR ROITHNER-LED43-PR Datasheet
78Kb / 1P
LIGHT EMITTING DIODES
LED43-PR ROITHNER-LED43-PR Datasheet
74Kb / 1P
LIGHT EMITTING DIODES
More results

Similar Description - LED43

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED19FC-PR ROITHNER-LED19FC-PR Datasheet
349Kb / 2P
Mid-Infrared Light Emitting Diode
LED19FC-TEC-PR ROITHNER-LED19FC-TEC-PR Datasheet
377Kb / 2P
Mid-Infrared Light Emitting Diode
LED20FC-TEC ROITHNER-LED20FC-TEC Datasheet
302Kb / 2P
Mid-Infrared Light Emitting Diode
LED21FC-TEC ROITHNER-LED21FC-TEC Datasheet
305Kb / 2P
Mid-Infrared Light Emitting Diode
LED21-SMD3 ROITHNER-LED21-SMD3 Datasheet
199Kb / 2P
Mid-Infrared Light Emitting Diode
LED22FC-TEC-PR ROITHNER-LED22FC-TEC-PR Datasheet
379Kb / 2P
Mid-Infrared Light Emitting Diode
LED23FC-PR ROITHNER-LED23FC-PR Datasheet
354Kb / 2P
Mid-Infrared Light Emitting Diode
LED34-HIGH-SMD5 ROITHNER-LED34-HIGH-SMD5 Datasheet
281Kb / 2P
Mid-Infrared Light Emitting Diode
LED35-SMD3 ROITHNER-LED35-SMD3 Datasheet
205Kb / 2P
Mid-Infrared Light Emitting Diode
LED36-SMD3 ROITHNER-LED36-SMD3 Datasheet
202Kb / 2P
Mid-Infrared Light Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com