Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED19 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED19
Description  Mid-Infrared Light Emitting Diodes and Photodiodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED19 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED19 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED19 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
16.09.2010
Mid-IR – Product Line Overview
2 of 2
Packages
We are offering a range of standard and cusomized packages for thos Mid-IR LEDs and PDs
TO-18
TO-18 with PR
TO-5
TO-5 with PR
TO-8
with/without window
with/without thermoelectronic module
TO Packages
applied to
LED, PD
LED, PD, Multi Chip LED
Multi Chip LED
3x3 mm
5x5 mm
5x5 mm
with microreflector
5x5 mm
for 3 chip array
SMD Packages
applied to
LED
Multi Chip LED
LED drivers and PD amplifiers
• LED mini-drivers
mD-1c: provides LED operation in QCW mode at fixed current and frequency
mD-1p: provides LED operation in pulse mode at fixed current, frequency and pulse
duration
• LED drivers
D-31: provides LED operation in QCW and pulse modes at several frequencies and
variable pulse durations and currents
DLT-27: provides operation and temperature stabilization of LED with built-in
thermocooler in QCW and pulse modes at fixed frequency and pulse duration and
variable currents
DLT-37: provides operation and temperature stabilization of LED with built-in
thermocooler in QCW and pulse modes at several frequencies, variable pulse
durations and currents
• PD Amplifiers
AM-07: converts the output current signal of a PD into a voltage output with
amplification
AMT-07: provides temperature stabilization and converts the output current signal of a
PD with built-in thermocooler into a voltage output with amplification



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com