Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3385 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3385
Description  SMA Male to SMA Male Cable Using RG142 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3385 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3385 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3385 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3385 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3385 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Male
• Cable Type: RG142
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
8
GHz
VSWR
1.4:1
Return Loss
15.56
dB
Velocity of Propagation
70
%
Capacitance
29.4 [96.46]
pF/ft [pF/m]
Operating Voltage (AC)
500
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.5
1
2
4
8
GHz
Insertion Loss (Max.)
1.09
1.13
1.18
1.28
dB/ft
3.58
3.71
3.87
4.2
dB/m
dB/m
.
Mechanical Specifications
Cable Assembly
Diameter
0.315 in [8 mm]
.
Cable
Cable Type
RG142
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable Using RG142 Coax PE3385
PE3385 REV 1.1
SMA Male to SMA Male Cable Using RG142 Coax
RF Cable Assemblies Technical Data Sheet
PE3385


Similar Part No. - PE3385

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3385-12 PASTERNACK-PE3385-12 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 12 Inch Length Using RG142 Coax
PE3385-18 PASTERNACK-PE3385-18 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 18 Inch Length Using RG142 Coax
PE3385-24 PASTERNACK-PE3385-24 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using RG142 Coax
PE3385-36 PASTERNACK-PE3385-36 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 36 Inch Length Using RG142 Coax
PE3385-48 PASTERNACK-PE3385-48 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 48 Inch Length Using RG142 Coax
More results

Similar Description - PE3385

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3385-6 PASTERNACK-PE3385-6 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 6 Inch Length Using RG142 Coax
PE3385-12 PASTERNACK-PE3385-12 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 12 Inch Length Using RG142 Coax
PE3385-18 PASTERNACK-PE3385-18 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 18 Inch Length Using RG142 Coax
PE3385-24 PASTERNACK-PE3385-24 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using RG142 Coax
PE3385-36 PASTERNACK-PE3385-36 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 36 Inch Length Using RG142 Coax
PE3385-48 PASTERNACK-PE3385-48 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 48 Inch Length Using RG142 Coax
PE3385-60 PASTERNACK-PE3385-60 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 60 Inch Length Using RG142 Coax
PE3385-72 PASTERNACK-PE3385-72 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 72 Inch Length Using RG142 Coax
PE3385LF PASTERNACK-PE3385LF Datasheet
384Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax, RoHS
PE3385LF-24 PASTERNACK-PE3385LF-24 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using RG142 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com