Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF774 Datasheet(PDF) 1 Page - Power Semiconductors

Part # ARF774
Description  FAST RECOVERY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ARF774 Datasheet(HTML) 1 Page - Power Semiconductors

  ARF774 Datasheet HTML 1Page - Power Semiconductors ARF774 Datasheet HTML 2Page - Power Semiconductors ARF774 Datasheet HTML 3Page - Power Semiconductors ARF774 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FAST RECOVERY DIODE
ARF774
Repetitive voltage up to
4500 V
Mean forward current
2327 A
Surge current
26 kA
FINAL SPECIFICATION
June 17 - Issue: 5
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
125
4500
V
V RSM
Non-repetitive peak reverse voltage
125
4600
V
I RRM
Repetitive peak reverse current
V=VRRM
125
150
mA
CONDUCTING
I F (AV)
Mean forward current
180° sin, 50 Hz, Th=55°C, double side cooled
2327
A
I F (AV)
Mean forward current
180°square, 50 Hz, Th=55°C, double side cooled
2340
A
I FSM
Surge forward current
Sine wave, 10 ms
125
26
kA
I² t
I² t
riappled reverse voltage up to 50% VRSM
3380 x 10
3
A²s
V FM
Forward voltage
Forward current =
2000 A
25
1,80
V
V F(TO)
Threshold voltage
125
1,30
V
r F
Forward slope resistance
125
0,250
mohm
SWITCHING
t rr
Reverse recovery time
IF= 1000A
8,6
µs
Q rr
Reverse recovery charge
di/dt= 60 A/µs
125
1500
µC
I rr
Peak reverse recovery current
VR= 50V
350
A
s
Softness (s-factor), min
0,5
V FR
Peak forward recovery
di/dt =
400 A/µs
150
31
V
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to heatsink, double side cooled
11,0
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
2,0
°C/kW
T j
Operating junction temperature
-30 / 125
°C
F
Mounting force
46.0 / 54.0
kN
Mass
1700
g
ORDERING INFORMATION : ARF774 S 45
standard specification
VRRM/100
POSEICO SPA
Via Pillea 42-44, 16153 Genova - ITALY
Tel. + 39 010 8599400 - Fax + 39 010 8682006
Sales Office:
Tel. + 39 010 8599400 - sales@poseico.com


Similar Part No. - ARF774

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF771LT POSEICO-ARF771LT Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF771LTS45 POSEICO-ARF771LTS45 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
More results

Similar Description - ARF774

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com