Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT620 Datasheet(PDF) 1 Page - Power Semiconductors

Part # AT620
Description  PHASE CONTROL THYRISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AT620 Datasheet(HTML) 1 Page - Power Semiconductors

  AT620 Datasheet HTML 1Page - Power Semiconductors AT620 Datasheet HTML 2Page - Power Semiconductors AT620 Datasheet HTML 3Page - Power Semiconductors AT620 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHASE CONTROL THYRISTOR
AT620
Repetitive voltage up to
1400 V
Mean forward current
2100 A
Surge current
36 kA
FINAL SPECIFICATION
Feb. 17 - Issue: 2
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
125
1400
V
V RSM
Non-repetitive peak reverse voltage
125
1500
V
V DRM
Repetitive peak off-state voltage
125
1400
V
I RRM
Repetitive peak reverse current
V=VRRM
125
100
mA
I DRM
Repetitive peak off-state current
V=VDRM
125
100
mA
CONDUCTING
I T (AV)
Mean forward current
180° sin, 50 Hz, Th=55°C, double side cooled
2100
A
I T (AV)
Mean forward current
180° sin, 50 Hz, Tc=85°C, double side cooled
1804
A
I TSM
Surge forward current
Sine wave, 10 ms
125
36
kA
I² t
I² t
without reverse voltage
6480 x 10
3
A²s
V T
On-state voltage
On-state current =
2900 A
25
1,30
V
V T(TO)
Threshold voltage
125
0,81
V
r T
On-state slope resistance
125
0,150
mohm
SWITCHING
di/dt
Critical rate of rise of on-state current, min.
From 75% VDRM up to 2200 A; gate 10V, 5
W
125
200
A/µs
dv/dt
Critical rate of rise of off-state voltage, min.
Linear ramp up to 70% of VDRM
125
500
V/µs
t d
Gate controlled delay time, typical
VD=100V; gate source 25V, 10
W , tr=.5 µs
25
3,0
µs
t q
Circuit commutated turn-off time, typical
dv/dt = 20 V/µs linear up to 75% VDRM
250
µs
Q rr
Reverse recovery charge
di/dt = -20 A/µs, I= 1430 A
125
µC
I rr
Peak reverse recovery current
VR= 50 V
A
I H
Holding current, typical
VD=5V, gate open circuit
25
300
mA
I L
Latching current, typical
VD=5V, tp=30µs
25
700
mA
GATE
V GT
Gate trigger voltage
VD=5V
25
3,50
V
I GT
Gate trigger current
VD=5V
25
300
mA
V GD
Non-trigger gate voltage, min.
VD=VDRM
125
0,25
V
V FGM
Peak gate voltage (forward)
30
V
I FGM
Peak gate current
10
A
V RGM
Peak gate voltage (reverse)
5
V
P GM
Peak gate power dissipation
Pulse width 100 µs
150
W
P G
Average gate power dissipation
2
W
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to heatsink, double side cooled
21,0
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
6,0
°C/kW
T j
Operating junction temperature
-30 / 125
°C
F
Mounting force
22,0 / 24,5
kN
Mass
520
g
ORDERING INFORMATION : AT620 S 14
standard specification
VRRM/100
POSEICO SPA
Via Pillea 42-44, 16153 Genova - ITALY
Tel. + 39 010 8599400 - Fax + 39 010 8682006
Sales Office:
Tel. + 39 010 8599400 - sales@poseico.com


Similar Part No. - AT620

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
AT62-005-20141 ASS-AT62-005-20141 Datasheet
290Kb / 2P
RECEPTACLE, 2 PIN, ATM SERIES
Rev. A3
AT62-005-20141 ASS-AT62-005-20141 Datasheet
332Kb / 2P
RECEPTACLE, 3 PIN, ATM SERIES
Rev. A3
AT62-005-20141 ASS-AT62-005-20141 Datasheet
341Kb / 2P
RECEPTACLE, 4 PIN, ATM SERIES
Rev. A3
AT62-005-20141 ASS-AT62-005-20141 Datasheet
271Kb / 2P
PLUG, 2 SOCKET, ATM SERIES
Rev. A3
AT62-005-20141 ASS-AT62-005-20141 Datasheet
287Kb / 2P
PLUG, 3 SOCKET, ATM SERIES
Rev. A3
More results

Similar Description - AT620

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com