Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBQ7WP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEBQ7WP
Description  Headup Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBQ7WP Datasheet(HTML) 5 Page - OSRAM GmbH

  LEBQ7WP Datasheet HTML 1Page - OSRAM GmbH LEBQ7WP Datasheet HTML 2Page - OSRAM GmbH LEBQ7WP Datasheet HTML 3Page - OSRAM GmbH LEBQ7WP Datasheet HTML 4Page - OSRAM GmbH LEBQ7WP Datasheet HTML 5Page - OSRAM GmbH LEBQ7WP Datasheet HTML 6Page - OSRAM GmbH LEBQ7WP Datasheet HTML 7Page - OSRAM GmbH LEBQ7WP Datasheet HTML 8Page - OSRAM GmbH LEBQ7WP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Version 1.9 - OS-PCN-2016-024-A
LE B Q7WP
2017-05-11
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
2) page 23
Dominant Wellenlängengruppen 2) Seite 23
Group
Radiant Power 1) page 23
Radiant Power 1) page 23
Gruppe
Strahlungsleistung 1) Seite 23
Strahlungsleistung 1) Seite 23
(min.) Φ
E [mW]
(max.) Φ
E [mW]
5C
2800
3150
6C
3150
3550
7C
3550
4000
8C
4000
4500
Group
blue
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
452
456
3
456
460
4
460
465
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com