Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGQ396 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LGQ396
Description  Information Displays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGQ396 Datasheet(HTML) 4 Page - OSRAM GmbH

  LGQ396 Datasheet HTML 1Page - OSRAM GmbH LGQ396 Datasheet HTML 2Page - OSRAM GmbH LGQ396 Datasheet HTML 3Page - OSRAM GmbH LGQ396 Datasheet HTML 4Page - OSRAM GmbH LGQ396 Datasheet HTML 5Page - OSRAM GmbH LGQ396 Datasheet HTML 6Page - OSRAM GmbH LGQ396 Datasheet HTML 7Page - OSRAM GmbH LGQ396 Datasheet HTML 8Page - OSRAM GmbH LGQ396 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2015-06-12
4
Version 1.1
LG Q396
Characteristics (TA = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Dominant Wavelength 2) page 20
Dominantwellenlänge 2) Seite 20
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λdom
569
573
578
nm
nm
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
150 (horizontal)
120 (vertical)
°
Forward voltage 3) page 20
Durchlassspannung 3) Seite 20
(min.)
(max.)
VF
V
F
1.60
2.40
V
V
Real thermal resistance junction / ambient 4) page 20 ,
5) page 20
Realer Wärmewiderstand Sperrschicht / Umgebung
4) Seite 20 , 5) Seite 20
(max.)
R
th JA real
630
K/W
Real thermal resistance junction / solder point
5) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 20
(max.)
Rth JS real
375
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com