Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBMB-34 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LBMB-34
Description  Architectural lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBMB-34 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LBMB-34 Datasheet HTML 8Page - OSRAM GmbH LBMB-34 Datasheet HTML 9Page - OSRAM GmbH LBMB-34 Datasheet HTML 10Page - OSRAM GmbH LBMB-34 Datasheet HTML 11Page - OSRAM GmbH LBMB-34 Datasheet HTML 12Page - OSRAM GmbH LBMB-34 Datasheet HTML 13Page - OSRAM GmbH LBMB-34 Datasheet HTML 14Page - OSRAM GmbH LBMB-34 Datasheet HTML 15Page - OSRAM GmbH LBMB-34 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Version 1.0
LE RTDUW S2WN
2017-07-05
12
Dominante Wellenlänge
1) 2) Seite 25
Dominant Wavelength
1) 2) page 25
∆
λ
dom = f (IF); TJ = 25 °C; deep blue
Dominante Wellenlänge
1) 2) Seite 25
Dominant Wavelength
1) 2) page 25
∆λ
dom = f (IF); TJ = 25 °C; true green
Farbortverschiebung
1) 2) Seite 25
Chromaticity Coordinate Shift
1) 2) page 25
∆Cx, ∆Cy = f (I
F); TJ = 25 °C; ultra white
LE RTDUW S2WN
40
50
0
10
00
15
00
20
00
25
00
30
00
IF [mA]
-4
-2
0
2
4
∆λ dom [nm]
: deep blue
LE RTDUW S2WN
IF [mA]
-4
-2
0
2
4
∆λ dom [nm]
: true green
LE RTDUW S2WN
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
:
∆ Cx - ultra white
:
∆ Cy - ultra white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com