Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF15SC4 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # SF15SC4
Description  SCHOTTKY RECTIFIER (SBD)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SF15SC4 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  SF15SC4 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SF15SC4 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SF15SC4 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SF15SC4 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd SF15SC4 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd SF15SC4 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd SF15SC4 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd SF15SC4 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd SF15SC4 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SF15SC4
40V 15A
Copyright & Copy;2001 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit:mm
RATINGS
SHINDENGEN
Case : FTO-220
Dual
Schottky Rectifiers (SBD)
œAbsolute Maximum Ratings (Unless otherwise specified, Tc=25Žj
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55`150
Ž
Operating Junction Temperature
Tj
150
Ž
Maximum Reverse Voltage
VRM
40
V
Repetitive Peak Surge Reverse Voltage
VRRSM Pulse width 0.5ms, duty 1/40
45
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each diode Io/2, Tc=125Ž
15
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25Ž
200
A
Repetitive Peak Surge Reverse Power
PRRSM Pulse width 10ìs, Rating of per diode, Tj=25Ž
330
W
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2kV
Mounting Torque
TOR (Recommended torqueF0.3N¥m)
0.5
N¥m
œElectrical Characteristics (Unless otherwise specified, Tc=25Žj
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=7.5A,
Pulse measurement, Rating of per diode
Max 0.55
V
Reverse Current
IR
VR=VRM, Pulse measurement, Rating of per diode
Max 5.0
mA
Junction Capacitance
Cj
f=1MHz, VR=10V, Rating of per diode
Typ 340
pF
Æjc
junction to case
Max 2.0
Ž/W
Thermal Resistance
Æjf
junction to heatsink
Max 4.5
Ž/W
Æcf
case to heatsink
Max 2.5
Ž/W


Similar Part No. - SF15SC4

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF15SC6 SHINDENGEN-SF15SC6 Datasheet
262Kb / 8P
Schottky Rectifiers
More results

Similar Description - SF15SC4

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
M2FH3 SHINDENGEN-M2FH3 Datasheet
468Kb / 11P
SCHOTTKY RECTIFIERS (SBD)
M2FM3 SHINDENGEN-M2FM3 Datasheet
480Kb / 12P
SCHOTTKY RECTIFIERS (SBD)
SF20SC6 SHINDENGEN-SF20SC6 Datasheet
451Kb / 10P
SCHOTTKY RECTIFIERS (SBD)
SF20SC9 SHINDENGEN-SF20SC9 Datasheet
356Kb / 8P
SCHOTTKY RECTIFIERS SBD
S40HC1R5 SHINDENGEN-S40HC1R5 Datasheet
254Kb / 8P
SCHOTTKY RECTIFIERS SBD
M1FH3 SHINDENGEN-M1FH3 Datasheet
481Kb / 11P
SCHOTTKY RECIFIERS (SBD)
DG1M3 SHINDENGEN-DG1M3 Datasheet
248Kb / 8P
SCHOTTKY RECTIFIERS (SBD)
SF30JC6 SHINDENGEN-SF30JC6 Datasheet
262Kb / 8P
SCHOTTKY ROCTIFIERS(SBD)
SF20JC10 SHINDENGEN-SF20JC10 Datasheet
256Kb / 8P
Schottky Rectifiers (SBD)
DG1H3 SHINDENGEN-DG1H3 Datasheet
261Kb / 9P
SCHOTTKY RECTIFIERS (SBD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com