Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRT68F Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LRT68F
Description  Information Displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRT68F Datasheet(HTML) 5 Page - OSRAM GmbH

  LRT68F Datasheet HTML 1Page - OSRAM GmbH LRT68F Datasheet HTML 2Page - OSRAM GmbH LRT68F Datasheet HTML 3Page - OSRAM GmbH LRT68F Datasheet HTML 4Page - OSRAM GmbH LRT68F Datasheet HTML 5Page - OSRAM GmbH LRT68F Datasheet HTML 6Page - OSRAM GmbH LRT68F Datasheet HTML 7Page - OSRAM GmbH LRT68F Datasheet HTML 8Page - OSRAM GmbH LRT68F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.1 - OS-PCN-2017-005-A
LR T68F
2017-03-01
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
4) page 21
Durchlassspannungsgruppen 4) Seite 21
Dominant Wavelength Groups 3) page 21
Dominant Wellenlängengruppen
3) Seite 21
Group
Luminous Intensity 1) page 21
Luminous Intensity 1) page 21
Luminous Flux 7) page 21
Gruppe
Lichtstärke 1) Seite 21
Lichtstärke 1) Seite 21
Lichtstrom 7) Seite 21
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
U1
450
560
1520
U2
560
710
1910
V1
710
900
2420
V2
900
1120
3030
AA
1120
1400
3780
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
3A
1.90
2.05
3B
2.05
2.20
4A
2.20
2.35
4B
2.35
2.50
Group
red
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
1
620
630
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com