Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT574CTL Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT574CTL
Description  Fast CMOS Octal D Registers (3-State)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT574CTL Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT574CTL Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT574CTL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT574CTL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT574CTL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT574CTL Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT574CTL Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT574CTL Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT574CTL Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74FCT574CTL Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PS2016C
10/01/04
PI74FCT374T
PI74FCT574T
Octal D Registers (3-State)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT374T Switching Characteristics over Operating Range
374TT
374AT
374CT
374DT
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max Units
tPLH
Propagation Delay
CL = 50pF
2.0
10.0
2.0
6.5
2.0
5.2
2.0
4.5
ns
tPHL
CP to ON
RL = 500
Ω
tPZH
Output Enable Time
1.5
12.5
1.5
6.5
1.5
5.5
1.5
5.5
ns
tPZL
OE to ON
tPHZ
Output Disable Time(3)
1.5
8.0
1.5
5.5
1.5
5.0
1.5
5.0
ns
tPLZ
OE to ON
tSU
Setup Time HIGH or
2.0
—
2.0
—
2.0
—
2.0
—
ns
LOW, DN to CP
tH
Hold Time HIGH or
1.5
—
1.5
—
1.5
—
1.0
—
ns
LOW, DN to CP
tW
CP Pulse Width(3)
7.0
—
5.0
—
5.0
—
3.0
—
ns
HIGH or LOW
PI74FCT574T Switching Characteristics over Operating Range
574T
574AT
574T
574DT
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
2.0
8.5
2.0
6.5
2.0
5.2
2.0
4.5
ns
tPHL
CP to ON
RL = 500
Ω
tPZH
Output Enable Time
1.5
10.0
1.5
6.5
1.5
5.5
1.5
5.5
ns
tPZL
OE to ON
tPHZ
Output Disable Time(3)
1.5
6.5
1.5
5.5
1.5
5.0
1.5
5.0
ns
tPLZ
OE to ON
tSU
Setup Time HIGH or
2.0
—
2.0
—
2.0
—
2.0
—
ns
LOW, DN to CP
tH
Hold Time HIGH or
1.5
—
1.5
—
1.5
—
1.0
—
ns
LOW, DN to CP
tW
CP Pulse Width(3)
7.0
—
5.0
—
5.0
—
3.0
—
ns
HIGH or LOW
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com