Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE70A2001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE70A2001
Description  TECHNICAL DATA SHEET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A2001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE70A2001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A2001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A2001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A2001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A2001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE70A2001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE70A2001 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE70A2001 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Size
Length
2 in [50.8 mm]
Width
1.8 in [45.72 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.2 lbs [90.72 g]
Input Connector
SMA Female
Output Connector
SMA Female
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +125 deg C
Environment
MIL-STD-202F, METHOD 107
Humidity
MIL-STD-202F, METHOD 103B COND. B
Shock
MIL-STD-202F, METHOD 213B COND. B
Vibration
MIL-STD-202F, METHOD 204D COND. B
Altitude
MIL-STD-202F, METHOD 105C COND. B
Temperature Cycle
MIL-STD-202F, METHOD 107
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
PE70A2001
PE70A2001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 60 dB Voltage Variable Attenuator, PIN Diode, 4 GHz To 8 GHz, SMA PE70A2001
0 to 60 dB Voltage Variable Attenuator, PIN
Diode, 4 GHz To 8 GHz, SMA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com