Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE70A2002 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE70A2002
Description  TECHNICAL DATA SHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A2002 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE70A2002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A2002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A2002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A2002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A2002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE70A2002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE70A2002 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
TECHNICAL DATA SHEET
Performance Data
Insertion Loss and VSWR
10dB Attenuation
PE70A2002
PE70A2002 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 60 dB Voltage Variable Attenuator, PIN Diode, 6 GHz To 12 GHz, SMA PE70A2002
0 to 60 dB Voltage Variable Attenuator, PIN
Diode, 6 GHz To 12 GHz, SMA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com