Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5SC2004 Datasheet(PDF) 11 Page - Pasternack Enterprises, Inc.

Part # PE5SC2004
Description  TECHNICAL DATA SHEET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5SC2004 Datasheet(HTML) 11 Page - Pasternack Enterprises, Inc.

Back Button PE5SC2004 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE5SC2004 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE5SC2004 Datasheet HTML 9Page - Pasternack Enterprises, Inc. PE5SC2004 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PE5SC2004 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PE5SC2004 Datasheet HTML 12Page - Pasternack Enterprises, Inc. PE5SC2004 Datasheet HTML 13Page - Pasternack Enterprises, Inc. PE5SC2004 Datasheet HTML 14Page - Pasternack Enterprises, Inc. PE5SC2004 Datasheet HTML 15Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Type F Test and Measurement Kit with SOLT Calibration Components, N Male to F
Male Armored Test Cables and Precision Accessories PE70MP5000
PE70MP5000
PE70MP5000 REV 1.0
75 Ohm Type F Test and Measurement Kit with
SOLT Calibration Components, N Male to F Male
Armored Test Cables and Precision Accessories
PE70MP1003 50 Ohm N Male to 75 Ohm N Female
Matching Pad
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC - 3000
MHz
Impedance
50 - 75
Ohm
Insertion Loss (DC - 2000 MHz)
5.5
6
dB
Insertion Loss (2000 - 3000 MHz)
5.5
6.3
dB
Return Loss (DC - 2000 MHz)
25
30
dB
Return Loss (2000 - 3000 MHz)
23
27
dB
Flatness (DC - 2000 MHz)
0.5
dB
Flatness (2000 - 3000 MHz)
0.8
dB
Mechanical Specifications
Item
Description
Units
Housing
Copper Tube
Connector
50 Ohm N Type-Male
75 Ohm N Type-Female
Dimensions
0.80 (ø) x 2.9 (L)
Inch
Net Weight
77.5
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com