Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM-60V Datasheet(PDF) 13 Page - CUI INC

Part # CFM-60V
Description  DC AXIAL FAN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-60V Datasheet(HTML) 13 Page - CUI INC

Back Button CFM-60V Datasheet HTML 7Page - CUI INC CFM-60V Datasheet HTML 8Page - CUI INC CFM-60V Datasheet HTML 9Page - CUI INC CFM-60V Datasheet HTML 10Page - CUI INC CFM-60V Datasheet HTML 11Page - CUI INC CFM-60V Datasheet HTML 12Page - CUI INC CFM-60V Datasheet HTML 13Page - CUI INC CFM-60V Datasheet HTML 14Page - CUI INC CFM-60V Datasheet HTML 15Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
cui.com
date 12/11/2017
│ page 13 of 15
CUI Inc
│ SERIES: CFM-60V │ DESCRIPTION: DC AXIAL FAN
APPLICATION NOTES
Figure 1: Auto Start Protection
Auto Restart Protection
When the fan motor is locked by an external force, the device will temporarily turn off electrical power to the motor and
restart automatically when the locked rotor condition is released.
Tachometer Signal (Yellow Wire)
The tachometer signal is for detecting the rotational speed of the fan motor. The output will be a square wave when fan
is operating and logical high (Vcc) when fan motor is locked (See Figures 4~5 below). The relationship between RPM &
output pulses from the signal wire is as follows.
1 RPM = 2 Pulses
1 Pulse
1 RPM
Run
Locked
Vsig
t
VL
Vcc
Figure 5: Tachometer
Output Circuit
DC Fan
Red (+)
Yellow
Black (-)
Customer Circuit
Vcc
Ic
RL
Vcc ≤ max input voltage
Ic ≤ 4 mA
RL ≥ Vcc/Ic
VL ≤ 0.5 V
Vsig
Figure 4: Tachometer
Output Waveform
Rotation Detector Signal (White Wire)
The rotation detector signal is used to detect if the fan motor is operating or stopped. The output will be logical low (VL)
when fan is operating and be logical high (Vcc) when fan motor is locked. (See Figures 2~3 below).
Figure 2: Rotation Detector
Output Waveform
Figure 3: Rotation Detector
Output Circuit
Run
Locked
Vsig
t
VL
Vcc
DC Fan
Red (+)
White
Black (-)
Customer Circuit
Vcc
Ic
RL
Vcc ≤ max input voltage
Ic ≤ 4 mA
RL ≥ Vcc/Ic
VL ≤ 0.5 V
Vsig
Run
t
Locked
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com