Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP85 Datasheet(PDF) 2 Page - CUI INC

Part # CP85
Description  PELTIER MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP85 Datasheet(HTML) 2 Page - CUI INC

  CP85 Datasheet HTML 1Page - CUI INC CP85 Datasheet HTML 2Page - CUI INC CP85 Datasheet HTML 3Page - CUI INC CP85 Datasheet HTML 4Page - CUI INC CP85 Datasheet HTML 5Page - CUI INC CP85 Datasheet HTML 6Page - CUI INC CP85 Datasheet HTML 7Page - CUI INC CP85 Datasheet HTML 8Page - CUI INC CP85 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
cui.com
date 11/29/2017
│ page 2 of 10
CUI Inc
│ SERIES: CP85 │ DESCRIPTION: PELTIER MODULE
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
internal resistance1
CP85204035
CP85301535
CP85435
CP85138
CP85238
CP85338
CP85438
0.675
0.369
2.052
0.18
0.36
0.81
1.35
0.75
0.41
2.28
0.20
0.40
0.90
1.50
0.825
0.451
2.508
0.22
0.44
0.99
1.65
Ω
Ω
Ω
Ω
Ω
Ω
Ω
solder melting temperature
connection between thermoelectric pairs
CP85204035
all other models
235
138
°C
°C
assembly compression
3.8 mm models
3.6 mm models
0.98
1
MPa
MPa
hot side plate
80
°C
RoHS
2011/65/EU
Note:
1. Measured by AC 4-terminal method at 25°C
MECHANICAL DRAWING
units: mm
COLD SIDE
HOT SIDE
0.05
0.05
THICKNESS
COLD SIDE
Black (-)
Red (+)
WIDTH
LENGTH
100.0 5.0
7 3.0
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads
20 AWG
tin
sealer
silicon rubber 703 RTV (between cold
and hot side plates)
joint cover
silicon rubber 703 RTV
marking
P/N & S/N printed on cold side
surface
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP85204035
20 ±0.3
40 ±0.3
3.6 ±0.1
CP85301535
30 ±0.3
15 ±0.3
3.6 ±0.1
CP85435
40 ±0.3
40 ±0.3
3.6 ±0.1
CP85138
15 ±0.3
15 ±0.3
3.8 ±0.1
CP85238
20 ±0.3
20 ±0.3
3.8 ±0.1
CP85338
30 ±0.3
30 ±0.3
3.8 ±0.1
CP85438
40 ±0.3
40 ±0.3
3.8 ±0.1
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com