Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE38751H Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE38751H
Description  Violet FAKRA Plug to FAKRA Plug Cable Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE38751H Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE38751H Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE38751H Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE38751H Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE38751H Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE38751H
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE38751H-12 = 12 inches long cable
PE38751H-100cm = 100 cm long cable
Violet FAKRA Plug to FAKRA Plug Cable Using RG174 Coax from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Violet FAKRA Plug to FAKRA Plug Cable Using RG174 Coax PE38751H
URL: https://www.pasternack.com/fakra-plug-fakra-plug-rg174au-cable-assembly-pe38751h-p.aspx
PE38751H REV 1.0
RF Cable Assemblies Technical Data Sheet
Violet FAKRA Plug to FAKRA Plug Cable Using RG174 Coax
PE38751H



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com