Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1040 Datasheet(PDF) 1 Page - Power Semiconductors

Part # ATF1040
Description  FAST SWITCHING THYRISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ATF1040 Datasheet(HTML) 1 Page - Power Semiconductors

  ATF1040 Datasheet HTML 1Page - Power Semiconductors ATF1040 Datasheet HTML 2Page - Power Semiconductors ATF1040 Datasheet HTML 3Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FAST SWITCHING THYRISTOR
ATF1040
Repetitive voltage up to
2000 V
Mean on-state current
1075 A
Surge current
14 kA
FINAL SPECIFICATION
Turn-off time
50 µs
mag 06 - ISSUE : 07
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
125
2000
V
V RSM
Non-repetitive peak reverse voltage
125
2100
V
V DRM
Repetitive peak off-state voltage
125
2000
V
I RRM
Repetitive peak reverse current
V=VRRM
125
150
mA
I DRM
Repetitive peak off-state current
V=VDRM
125
150
mA
CONDUCTING
I T (AV)
Mean on-state current
180°sin, 50 Hz, Th=55°C, double side cooled
1075
A
I T (AV)
Mean on-state current
180°sin, 1 kHz, Th=55°C, double side cooled
1000
A
I TSM
Surge on-state current, non repetitive
sine wave, 10 ms
125
14
kA
I² t
I² t
without reverse voltage
980 x1E3
A²s
V T
On-state voltage
On-state current =
2000 A
25
2,6
V
V T(TO)
Threshold voltage
125
1,40
V
r T
On-state slope resistance
125
0,414
mohm
SWITCHING
di/dt
Critical rate of rise of on-state current, min
From 75% VDRM up to 1200 A, gate 10V 5 ohm
125
500
A/µs
dv/dt
Critical rate of rise of off-state voltage, min
Linear ramp up to 70% of VDRM
125
500
V/µs
td
Gate controlled delay time, typical
VD=100V, gate source 20V, 10 ohm , tr=1 µs
25
0,6
µs
tq
Circuit commutated turn-off time
di/dt =
20
A/µs, I= 1000 A
I =
800
A
125
50
µs
dV/dt =
200 V/µs , up to
75%
VDRM
Q rr
Reverse recovery charge
di/dt =
60
A/µs, I= 1000 A
I =
1000
A
125
620
µC
I rr
Peak reverse recovery current
VR =
50
V
227
A
I H
Holding current, typical
VD=5V, gate open circuit
25
500
mA
I L
Latching current, typical
VD=5V, tp=30µs
25
850
mA
GATE
V GT
Gate trigger voltage
VD=5V
25
3,5
V
I GT
Gate trigger current
VD=5V
25
350
mA
V GD
Non-trigger gate voltage, min.
VD=VDRM
125
0,25
V
V FGM
Peak gate voltage (forward)
25
30
V
I FGM
Peak gate current
25
10
A
V RGM
Peak gate voltage (reverse)
25
5
V
P GM
Peak gate power dissipation
Pulse width 100 µs
25
150
W
P G(AV)
Average gate power dissipation
25
3
W
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to heatsink, double side cooled
26
°C/kW
R th(c-h)
Thermal impedance, DC
Case to heatsink, double side cooled
6
°C/kW
T j
Operating junction temperature
-30 / 125
°C
F
Mounting force
14.0 / 17.0
kN
Mass
500
g
tq code
D 10 µs C 12 µs B 15 µs A 20 µs L 25 µs
ORDERING INFORMATION : ATF1040 S 20 S
tq code
M 30 µs N 35 µs P 40 µs R 45 µs S 50 µs
standard specification
VDRM&VRRM/100
T 60 µs U 70 µs W 80 µs X 100µs Y 150µs
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO
POSEICO SPA
Via N. Lorenzi 8, 16152 Genova - ITALY
Tel. +39 010 6556234 - Fax +39 010 6557519
Sales Office:
Tel. +39 010 6556775 - Fax +39 010 6445141


Similar Part No. - ATF1040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATF1040 ETC2-ATF1040 Datasheet
41Kb / 3P
FAST SWITCHING THYRISTOR
ATF1040S20A ETC2-ATF1040S20A Datasheet
41Kb / 3P
FAST SWITCHING THYRISTOR
ATF1040S20B ETC2-ATF1040S20B Datasheet
41Kb / 3P
FAST SWITCHING THYRISTOR
ATF1040S20C ETC2-ATF1040S20C Datasheet
41Kb / 3P
FAST SWITCHING THYRISTOR
ATF1040S20D ETC2-ATF1040S20D Datasheet
41Kb / 3P
FAST SWITCHING THYRISTOR
More results

Similar Description - ATF1040

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
TF219 DYNEX-TF219 Datasheet
252Kb / 13P
Fast Switching Thyristor
TF440 DYNEX-TF440 Datasheet
249Kb / 13P
Fast Switching Thyristor
TF708 DYNEX-TF708 Datasheet
250Kb / 13P
Fast Switching Thyristor
TF915 DYNEX-TF915 Datasheet
236Kb / 13P
Fast Switching Thyristor
logo
List of Unclassifed Man...
ATF1040 ETC2-ATF1040 Datasheet
41Kb / 3P
FAST SWITCHING THYRISTOR
logo
Power Semiconductors
ATF401 POSEICO-ATF401 Datasheet
81Kb / 3P
FAST SWITCHING THYRISTOR
ATF413 POSEICO-ATF413 Datasheet
68Kb / 2P
FAST SWITCHING THYRISTOR
ATF415 POSEICO-ATF415 Datasheet
81Kb / 3P
FAST SWITCHING THYRISTOR
ATF416 POSEICO-ATF416 Datasheet
81Kb / 3P
FAST SWITCHING THYRISTOR
ATF515 POSEICO-ATF515 Datasheet
122Kb / 6P
FAST SWITCHING THYRISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com