Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1803DFH Datasheet(PDF) 2 Page - STMicroelectronics

Part # 1803DFH
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1803DFH Datasheet(HTML) 2 Page - STMicroelectronics

  1803DFH Datasheet HTML 1Page - STMicroelectronics 1803DFH Datasheet HTML 2Page - STMicroelectronics 1803DFH Datasheet HTML 3Page - STMicroelectronics 1803DFH Datasheet HTML 4Page - STMicroelectronics 1803DFH Datasheet HTML 5Page - STMicroelectronics 1803DFH Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
3.125
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 1500 V
VCE = 1500 V
Tj = 125
oC
1
2
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 4 V
130
400
mA
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = 700 mA
7
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 4 A
IB = 0.8 A
IC = 4 A
IB = 1.2 A
35
1.5
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 4 A
IB = 0.8 A
1.2
V
hFE
∗
DC Current Gain
IC = 1 A
VCE = 5 V
IC = 4.5 A
VCE = 1 V
IC = 4.5 A
VCE = 5 V
10
5
15
5
20
9
VF
Diode Forward Voltage
IF = 5 A
1.5
2
V
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 4 A
IBon(END) = 0.8 A
LB = 5
µH
VBB = -2.5 V
f = 16 KHz
(see figure 1)
2.7
0.3
4
0.6
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
Thermal Impedance
ST1803DFH
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com