Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF515 Datasheet(PDF) 2 Page - Power Semiconductors

Part # ATF515
Description  FAST SWITCHING THYRISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ATF515 Datasheet(HTML) 2 Page - Power Semiconductors

  ATF515 Datasheet HTML 1Page - Power Semiconductors ATF515 Datasheet HTML 2Page - Power Semiconductors ATF515 Datasheet HTML 3Page - Power Semiconductors ATF515 Datasheet HTML 4Page - Power Semiconductors ATF515 Datasheet HTML 5Page - Power Semiconductors ATF515 Datasheet HTML 6Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ATF515 FAST SWITCHING THYRISTOR
TARGET SPECIFICATION
mag 06 - ISSUE : 06
SWITCHING CHARACTERISTICS
REVERSE RECOVERY CURRENT
Tj = 125 °C
0
100
200
300
400
500
600
0
50
100
150
200
250
300
350
400
di/dt [A/µs]
1000 A
500 A
250 A
REVERSE RECOVERY CHARGE
Tj = 125 °C
0
100
200
300
400
500
600
700
0
50
100
150
200
250
300
350
400
di/dt [A/µs]
250 A
500 A
1000 A
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO
ta
ta = Irr / (di/dt)
tb = trr - ta
Softness (s factor) s = tb / ta
Energy dissipation during recovery Er = Vr · (Qrr - Irr ·ta / 2 )
Irr
Vr
tb
IF
d i/d t



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com