Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF527 Datasheet(PDF) 2 Page - Power Semiconductors

Part # ATF527
Description  FAST SWITCHING THYRISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ATF527 Datasheet(HTML) 2 Page - Power Semiconductors

  ATF527 Datasheet HTML 1Page - Power Semiconductors ATF527 Datasheet HTML 2Page - Power Semiconductors ATF527 Datasheet HTML 3Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ATF527 FAST SWITCHING THYRISTOR
FINAL SPECIFICATION
apr 07 - ISSUE : 0
SWITCHING CHARACTERISTICS
0
200
400
600
800
1000
1200
1400
0
50
100
150
200
250
300
350
400
REVERSE RECOVERY CHARGE
Tj = 125 °C
250 A
500 A
1000 A
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO
0
200
400
600
800
0
50
100
150
200
250
300
350
400
di/dt [A/µs]
REVERSE RECOVERY CURRENT
Tj = 125 °C
1000 A
500 A
250 A
ta = Irr / (di/dt)
tb = trr - ta
Softness (s factor) s = tb / ta
Energy dissipation during recovery Er = Vr · (Qrr - Irr ·ta / 2 )
di/dt
Irr
IF
ta
tb
Vr
0
50
100
150
200
250
300
350
400
di/dt [A/µs]
Energy dissipation during recovery Er = Vr · (Qrr - Irr ·ta / 2 )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com