Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7512LT Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAC7512LT
Description  HD-720p USB 2.0 Camera SoC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7512LT Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAC7512LT Datasheet HTML 1Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PAC7512
HD-720p USB 2.0 Camera SoC
Camera SoC assControllerController
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
P.1
PrimeSensor Technology Inc.
E-mail: fae_service@primesensor.com.tw
Preliminary Data Sheet v0.4
PAC7512 HD-720p USB 2.0 Camera SoC
General Description
The PAC7512 HD-720p PC Camera SoC is a highly integrated and cost-effective solution for USB
applications. It is fully compliant with USB Video Class and operates with native drivers in Windows
operating system.
UVC defined image processing functions are supported by sensor
’s ISP engine. The PAC7512
integrates CMOS image sensor, color image processing engine, regulator, USB2.0 transceiver and
MCU ( Micro controller unit) into single chip. It is designed to outputs YUV422 and motion JPEG
(MJPEG) image format, and output resolution from QQVGA (160x120) to HD (1280x720) size.
System Features
 3.3V and 1.5V power input
 Built-in oscillator, external crystal is not needed.
 5 GPIO, including KEY and LED
 Flash/EEPROM Serial Peripheral Interface (SPI)
Compatible
USB Features
 USB 2.0 and USB video class 1.0 compliance.
 3 Endpoints: CONTROL, Interrupt IN, and
Isochronous IN
Micro Controller Features
 Built-in micro controller with 1K bytes SRAM
data memory
 24K bytes mask ROM and 4K bytes SRAM for
program memory
 Software controlled connection to USB bus for
re-enumeration and soft reset.
 Firmware is upgradeable from PC via USB
connection
Key Specification
Resolution
1280 (H) x 720 (V)
Optical Format
1/6.5
”
Pixel Size
1.75um x 1.75um
Chief Ray Angle
28.4 degree
Sensitivity
1075 mV/lux-sec
Max. Frame Rate
720p (MJPEG): 30fps
720p (YUV422): 10fps
VGA (YUV422): 30fps
Color Filter
RGB Bayer Pattern
Scan Mode
Progressive
Supply Voltage
3.3V ± 10%
S/N Max
39dB
Dynamic Range
65dB
Power
Consumption
460 mW
Ordering Information
Part number
Package Type
Package Size
PAC7512LT
50 ball CSP
4.68mm x 4.32mm


Similar Part No. - PAC7512LT

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
PAC7512LT WILLOW-PAC7512LT Datasheet
139Kb / 1P
HD-720p USB 2.0 Camera SoC
More results

Similar Description - PAC7512LT

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC7352 PIXART-PAC7352 Datasheet
1Mb / 12P
PAC7352 USB 2.0 VGA Camera SoC
logo
OmniVision Technologies...
OV9733 OMNIVISION-OV9733 Datasheet
4Mb / 2P
720p HD product brief
OV9750 OMNIVISION-OV9750 Datasheet
799Kb / 2P
720p HD product brief
logo
Willow Technologies Ltd
PAC7512 WILLOW-PAC7512 Datasheet
139Kb / 1P
HD-720p USB 2.0 Camera SoC
logo
Leopard Imaging Inc.
LI-OV5648-USB-AF LEOPARD-LI-OV5648-USB-AF Datasheet
409Kb / 2P
USB 2.0 Camera
LI-OV7725-USB-72 LEOPARD-LI-OV7725-USB-72 Datasheet
463Kb / 2P
USB 2.0 Camera
LI-USB20-OV5640-PAR-AF LEOPARD-LI-USB20-OV5640-PAR-AF Datasheet
1Mb / 4P
USB 2.0 Camera
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
Full-HD IP Camera SoC
HI3518E HISILICON-HI3518E Datasheet
434Kb / 2P
Hi3518E 720p IP-Cam SOC
HI3516D HISILICON-HI3516D Datasheet
201Kb / 7P
Hi3516D Professional HD IP Camera SoC
2014-12-22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com