Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAH8011ES Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAH8011ES
Description  Low Power Heart Rate Monitor Optical Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8011ES Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAH8011ES Datasheet HTML 17Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 18Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 19Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 20Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 21Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 22Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 23Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 24Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 25Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
PixArt Imaging Inc.
PAH8011ES Product Datasheet
Low Power Heart Rate Monitor Optical Chip
Version 1.1 | 20 Oct 2017 | 31008AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
4.6.2
Unit Orientation
Figure 12. Unit Orientation
The maximum capacity of one packing box for PAH8011ES‐IN: One Inner packing box = 2500 units
Note: The Tape and Reel packing with vacuum pack is 1year storage available @ 25°C, 50%RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com