Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S99AP Datasheet(PDF) 7 Page - Analog Devices

Part # AD2S99AP
Description  Programmable Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S99AP Datasheet(HTML) 7 Page - Analog Devices

  AD2S99AP Datasheet HTML 1Page - Analog Devices AD2S99AP Datasheet HTML 2Page - Analog Devices AD2S99AP Datasheet HTML 3Page - Analog Devices AD2S99AP Datasheet HTML 4Page - Analog Devices AD2S99AP Datasheet HTML 5Page - Analog Devices AD2S99AP Datasheet HTML 6Page - Analog Devices AD2S99AP Datasheet HTML 7Page - Analog Devices AD2S99AP Datasheet HTML 8Page - Analog Devices AD2S99AP Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AD2S99
REV. B
–6–
AD2S99/AD2S82A TYPICAL CONFIGURATION
Figure 4 shows a typical circuit configuration for the AD2S99
Oscillator and the AD2S82A Resolver-to-Digital Converter.
The maximum level of the SIN and COS input signals to the
AD2S82A should be 2 V rms
±10%. All the analog ground sig-
nals should be star connected to the AD2S82A AGND pin. If
shielded twisted pair cables are used for the resolver signals, the
shields should also be terminated at the AD2S82A AGND pin.
Coupling capacitor C3, and resistor to GND R3, between the
SYNREF output of the AD2S99 and the REF input pin of the
AD2S82A are optional. For additional information on selecting
component values for the AD2S82A, please refer to the
AD2S82A data sheet or the application note “Passive Compo-
nent Selection and Dynamic Modeling for the AD2S80 Series
Resolver-to-Digital Converters” (AN-266).
44
1
2
64
5
21
24
23
22
18
20
19
39
38
35
34
33
37
36
3
7
8
11
12
13
9
10
40
41
42
25
28
27
26
43
31
30
29
32
15
16
17
14
TOP VIEW
(Not to Scale)
AD2S82A
DB2
DB6
SIN
I/P
+VS
MSB DB1
NC
DB3
DB4
DB5
DB7
DB8
–VS
RC
DATA LOAD
COMP
SC2
DIR
BUSY
INHIBIT
NC
SC1
DIGITAL GND
COS
SIN
REF
RESOLVER
AGND
0V
–12V
R6
R4
R1
C5
R5
C4
C2
C1
R2
C3
R3
R3, C3 OPTIONAL
VELOCITY
OUTPUT
+12V
AGND
+5V
DGND
DIGITAL
OUTPUT
DATA
+5V
10µF
0.1µF
0.1µF
10µF
0.1µF
10µF
NC = NO CONNECT
NC
SIN
NC
DGND
COS
EXC
EXC
NC
AGND
NC
19
3
1
2
20
4
5
8
6
7
12 13
911
10
18
17
14
16
15
TOP VIEW
(Not to Scale)
AD2S99
–5V
SYNREF
COS
SIN
50k
LOS
SEL1 = GND
SEL2 = VSS
FOUT = 10kHz
0.1µF
4.7µF
0.1µF
4.7µF
Figure 4. AD2S99 and AD2S82A Example Configuration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com