Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S1210ASTZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD2S1210ASTZ
Description  Variable Resolution, 10-Bit to 16-Bit R/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1210ASTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD2S1210ASTZ Datasheet HTML 9Page - Analog Devices AD2S1210ASTZ Datasheet HTML 10Page - Analog Devices AD2S1210ASTZ Datasheet HTML 11Page - Analog Devices AD2S1210ASTZ Datasheet HTML 12Page - Analog Devices AD2S1210ASTZ Datasheet HTML 13Page - Analog Devices AD2S1210ASTZ Datasheet HTML 14Page - Analog Devices AD2S1210ASTZ Datasheet HTML 15Page - Analog Devices AD2S1210ASTZ Datasheet HTML 16Page - Analog Devices AD2S1210ASTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AD2S1210
Rev. A | Page 12 of 36
12000
10000
8000
6000
4000
2000
0
126
127
128
129
130
CODES
Figure 9. Typical 10-Bit Angular Accuracy Histogram of Codes,
10,000 Samples, Hysteresis Enabled
20
18
16
14
12
10
8
6
4
2
0
0
4
8
12
16
2024
2832
3640
TIME (ms)
Figure 10. Typical 16-Bit 10° Step Response
20
18
16
14
12
10
8
6
4
2
0
0
1
2
3
45
67
89
10
TIME (ms)
Figure 11. Typical 14-Bit 10° Step Response
20
18
16
14
12
10
8
6
4
2
0
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
TIME (ms)
Figure 12. Typical 12-Bit 10° Step Response
20
18
16
14
12
10
8
6
4
2
0
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
TIME (ms)
Figure 13. Typical 10-Bit 10° Step Response
250
225
200
175
150
125
100
75
50
25
0
0
8
16
24
32
40
48
56
64
72
80
TIME (ms)
Figure 14. Typical 16-Bit 179° Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com