Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S1210WDSTZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD2S1210WDSTZ
Description  Variable Resolution, 10-Bit to 16-Bit R/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1210WDSTZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD2S1210WDSTZ Datasheet HTML 16Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 17Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 18Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 19Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 20Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 21Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 22Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 23Page - Analog Devices AD2S1210WDSTZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
AD2S1210
Rev. A | Page 19 of 36
48 47 46 45 44 43 42 41 40 39 38 37
35
34
33
30
31
32
36
29
28
27
25
26
2
3
4
7
CLKIN
6
DVDD
5
DGND
1
8
XTALOUT
9
10
12
11
13 14 15 16 17 18 19 20 21 22 23 24
AD2S1210
20pF
20pF
8.192
MHZ
4.7µF
10nF
5V
5V
10nF
10µF
4.7µF
10nF
BUFFER
CIRCUIT
BUFFER
CIRCUIT
S2
R2
S4
S3
S1
R1
10nF
VDRIVE
4.7µF
Figure 27 shows a suggested buffer circuit. Capacitor C1 may be
used in parallel with Resistor R2 to filter out any noise that may
exist on the EXC and EXC outputs. Care should be taken when
selecting the cutoff frequency of this filter to ensure that phase
shifts of the carrier caused by the filter do not exceed the phase
lock range of the AD2S1210.
The gain of the circuit is
))
1
/(
1
(
)
/
(
ω
C1
R2
R1
R2
Gain
Carrier
×
×
+
×
−
=
(7)
and
IN
REF
OUT
V
C1
R2
R1
R2
R1
R2
V
V
⎟
⎠
⎞
⎜
⎝
⎛
×
×
+
×
⎟
⎠
⎞
⎜
⎝
⎛
−
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
ω
1
1
1
(8)
where:
ω is the radian frequency of the applied signal.
VREF, a dc voltage, is set so that VOUT is always a positive value,
eliminating the need for a negative supply.
C1
R2
R1
12V
12V
5V
EXC/EXC
(VIN)
(VREF)
VOUT
AD8662
Figure 26. Connecting the AD2S1210 to a Resolver
In this recommended configuration, the converter introduces a
VREF/2 offset in the SIN, SINLO, COS, and COSLO signal outputs
from the resolver. The sine and cosine signals can each be
connected to a different potential relative to ground if the sine
and cosine signals adhere to the recommended specifications.
Note that because the EXC and EXC outputs are differential,
there is an inherent gain of 2×.
Figure 27. Buffer Circuit
A separate screened twisted pair cable is recommended for the
analog input pins, SIN, SINLO, COS, and COSLO. The screens
should terminate to either REFOUT or AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com