Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD654 Datasheet(PDF) 13 Page - Analog Devices

Part # AD654
Description  Low Cost Monolithic Voltage-to-Frequency Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD654 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD654 Datasheet HTML 5Page - Analog Devices AD654 Datasheet HTML 6Page - Analog Devices AD654 Datasheet HTML 7Page - Analog Devices AD654 Datasheet HTML 8Page - Analog Devices AD654 Datasheet HTML 9Page - Analog Devices AD654 Datasheet HTML 10Page - Analog Devices AD654 Datasheet HTML 11Page - Analog Devices AD654 Datasheet HTML 12Page - Analog Devices AD654 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AD654
Rev. C | Page 12
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD654JN
–40°C to +85°C
8-Lead PDIP
N-8
AD654JNZ
–40°C to +85°C
8-Lead PDIP
N-8
AD654JNZ/+
–40°C to +85°C
8-Lead PDIP
N-8
AD654JR
–40°C to +85°C
8-Lead SOIC_N
R-8
AD654JR-REEL
–40°C to +85°C
8-Lead SOIC_N
R-8
AD654JR-REEL7
–40°C to +85°C
8-Lead SOIC_N
R-8
AD654JRZ
–40°C to +85°C
8-Lead SOIC_N
R-8
AD654JRZ-REEL
–40°C to +85°C
8-Lead SOIC_N
R-8
AD654JRZ-REEL7
–40°C to +85°C
8-Lead SOIC_N
R-8
1 Z = RoHS Compliant Part.
REVISION HISTORY
7/13—Rev. B to Rev. C
Added ESD Caution and Stresses Paragraph ................................ 3
Updated Outline Dimensions ....................................................... 11
Changes to Ordering Guide .......................................................... 11
12/99—Rev. A to Rev. B
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11523-0-7/13(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com