Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7608 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7608
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7608 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7608 Datasheet HTML 5Page - Analog Devices AD7608 Datasheet HTML 6Page - Analog Devices AD7608 Datasheet HTML 7Page - Analog Devices AD7608 Datasheet HTML 8Page - Analog Devices AD7608 Datasheet HTML 9Page - Analog Devices AD7608 Datasheet HTML 10Page - Analog Devices AD7608 Datasheet HTML 11Page - Analog Devices AD7608 Datasheet HTML 12Page - Analog Devices AD7608 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AD7608
Data Sheet
Rev. A | Page 8 of 32
Limit at TMIN, TMAX
Parameter
Min
Typ
Max
Unit
Description
t27
Delay from
AA
RDEE
AA
falling edge to FRSTDATA low
19
ns
VDRIVE = 3.3 V to 5.25 V
24
ns
VDRIVE = 2.3 V to 2.7 V
t28
Delay from 16th SCLK falling edge to FRSTDATA low
17
ns
VDRIVE = 3.3 V to 5.25 V
22
ns
VDRIVE = 2.3 V to 2.7 V
t29
24
ns
Delay from
AA
CSEE
AA
rising edge until FRSTDATA three-state enabled
1
Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
2
The delay between the CONVST x signals was measured as the maximum time allowed while ensuring a <40 LSB performance matching between channel sets.
3
A buffer is used on the data output pins for these measurements, which is equivalent to a load of 20 pF on the output pins.
Timing Diagrams
tCYCLE
t3
t5
t2
t4
t1
t7
tRESET
tCONV
CONVST A/
CONVST B
CONVST A/
CONVST B
BUSY
CS
RESET
Figure 2.CONVST x Timing—Reading After a Conversion
tCYCLE
t3
t5
t6
t2
t1
tCONV
CONVST A/
CONVST B
CONVST A/
CONVST B
BUSY
CS
t7
tRESET
RESET
Figure 3. CONVST x Timing—Reading During a Conversion
DATA:
DB[15:0]
FRSTDATA
CS
RD
INVALID
V1
[17:2]
V1
[1:0]
V2
[17:2]
V8
[17:2]
V8
[1:0]
V2
[1:0]
t10
t8
t13
t24
t26
t27
t14
t11
t9
t16
t17
t29
t15
Figure 4. Parallel Mode Separate
AA
CSEE
AA
and
AA
RDEE
AA
Pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com