Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7609 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7609
Description  8-Channel Differential DAS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7609 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7609 Datasheet HTML 17Page - Analog Devices AD7609 Datasheet HTML 18Page - Analog Devices AD7609 Datasheet HTML 19Page - Analog Devices AD7609 Datasheet HTML 20Page - Analog Devices AD7609 Datasheet HTML 21Page - Analog Devices AD7609 Datasheet HTML 22Page - Analog Devices AD7609 Datasheet HTML 23Page - Analog Devices AD7609 Datasheet HTML 24Page - Analog Devices AD7609 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AD7609
Data Sheet
Power Supply Rejection (PSR)
Variations in power supply affect the full-scale transition but
not the converter’s linearity. Power supply rejection is the
maximum change in full-scale transition point due to a change
in power supply voltage from the nominal value. The power
supply rejection ratio is defined as the ratio of the power in
the ADC output at full-scale frequency, f, to the power of a
200 mV p-p sine wave applied to the ADC VDD and VSS supplies
of Frequency fS.
PSRR (dB) = 10 log (Pf/PfS)
where:
Pf is equal to the power at Frequency f in the ADC output.
PfS is equal to the power at Frequency fS coupled onto the VDD
and VSS supplies.
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of crosstalk
between any two channels. It is measured by applying a full-scale,
10 kHz sine wave signal to all unselected input channels and
determining the degree to which the signal attenuates in the
selected channel with a 1 kHz signal.
Common-Mode Rejection Ratio (CMRR)
CMRR is defined as the ratio of the power in the ADC
common-mode input at full-scale frequency, f, to the power in
the output of a full-scale p-p sine wave applied to the common-
mode voltage of VINX+ and VINX− of frequency, fS,
CMRR (dB) = 20 log (Pf/PfS)
where:
Pf is equal to the power at Frequency f in the ADC input.
PfS is equal to the power at Frequency fS in the ADC output.
Rev. B | Page 20 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com